Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU1DA Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

PU1DA Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # PU1DA
Download  PU1DA Download
File Size   553.94 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 100V - 200V Ultra Fast Surface Mount Rectifier

PU1DA Datasheet (PDF)

Go To PDF Page Download Datasheet
PU1DA Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # PU1DA
Download  PU1DA Click to download

File Size   553.94 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 100V - 200V Ultra Fast Surface Mount Rectifier

PU1DA Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


PU1DA Product details

FEATURES
Planar technology
Low power loss, high efficiency
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free according to IEC 61249-2-21

APPLICATIONS
High frequency switching
DC/DC
Snubber




Similar Part No. - PU1DA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PU1 GOOD-ARK-PU1 Datasheet
372Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
logo
Powerbox
PU1000110-110 POWERBOX-PU1000110-110 Datasheet
861Kb / 2P
480 - 1000 WATTS DC/DC SINGLE
PU1000110-24 POWERBOX-PU1000110-24 Datasheet
861Kb / 2P
480 - 1000 WATTS DC/DC SINGLE
PU1000110-28 POWERBOX-PU1000110-28 Datasheet
861Kb / 2P
480 - 1000 WATTS DC/DC SINGLE
PU1000110-48 POWERBOX-PU1000110-48 Datasheet
861Kb / 2P
480 - 1000 WATTS DC/DC SINGLE
More results


Similar Description - PU1DA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MURS105 FRONTIER-MURS105 Datasheet
131Kb / 2P
1A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS105-LFR FRONTIER-MURS105-LFR Datasheet
131Kb / 2P
1A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
RS1DFS TSC-RS1DFS Datasheet
317Kb / 5P
1A, 200V - 1000V Surface Mount Fast Recovery Rectifier
RS1D-T TSC-RS1D-T Datasheet
433Kb / 6P
1A, 200V - 1000V Surface Mount Fast Recovery Rectifier
S1DFS TSC-S1DFS Datasheet
314Kb / 5P
1A, 200V - 1000V Surface Mount Rectifier
ES1DV TSC-ES1DV Datasheet
194Kb / 4P
1A, 200V Surface Mount Ultra Fast Rectifier
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
3A, 200V Surface Mount Ultra Fast Rectifier
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
logo
First Silicon Co., Ltd
HS1AF FS-HS1AF Datasheet
405Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
MUR420SH TSC-MUR420SH Datasheet
573Kb / 6P
4A, 200V - 600V Ultra Fast Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com