Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS802 Datasheet (PDF) - Texas Instruments

ADS802 Datasheet PDF - Texas Instruments
Part # ADS802
Download  ADS802 Download
File Size   431.71 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS802 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS802 Datasheet PDF - Texas Instruments

Part # ADS802
Download  ADS802 Click to download

File Size   431.71 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS802 Datasheet (HTML) - Texas Instruments


ADS802 Product details

FEATURES
NO MISSING CODES
LOW POWER: 250mW
INTERNAL REFERENCE
WIDEBAND TRACK-AND-HOLD: 65MHz
SINGLE +5V SUPPLY

APPLICATIONS
IF AND BASEBAND DIGITIZATION
DATA ACQUISITION CARDS
TEST INSTRUMENTATION
CCD IMAGING
Copiers
Scanners
Cameras
VIDEO DIGITIZING
GAMMA CAMERAS

DESCRIPTION
The ADS802 is a low-power, monolithic 12-bit, 10MHz Analog-
to-Digital (A/D) converter utilizing a small geometry CMOS
process. This complete converter includes a 12-bit quantizer,
wideband track-and-hold, reference, and three-state outputs.
It operates from a single +5V power supply and can be
configured to accept either differential or single-ended input
signals.
The ADS802 employs digital error correction in order to
provide excellent Nyquist differential linearity performance
for demanding imaging applications. Its low distortion, high
SNR, and high oversampling capability give it the extra
margin needed for telecommunications, test instrumentation,
and video applications.
This high-performance A/D converter is specified for AC and
DC performance at a 10MHz sampling rate. The ADS802 is
available in an SO-28 package.




Similar Part No. - ADS802

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS802 BURR-BROWN-ADS802 Datasheet
346Kb / 17P
12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS8028 TI1-ADS8028 Datasheet
849Kb / 35P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI2-ADS8028 Datasheet
1Mb / 36P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
REVISED MARCH 2012
ADS8028 TI2-ADS8028 Datasheet
1Mb / 36P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
REVISED MARCH 2012
More results


Similar Description - ADS802

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS802 BURR-BROWN-ADS802 Datasheet
346Kb / 17P
12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com