Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

330000002 Datasheet (PDF) - Molex Electronics Ltd.

330000002 Datasheet PDF - Molex Electronics Ltd.
Part # 330000002
Download  330000002 Download
File Size   78.16 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for 1.50mm MX150 Blade Male Terminals, 22-18 AWG

330000002 Datasheet (PDF)

Go To PDF Page Download Datasheet
330000002 Datasheet PDF - Molex Electronics Ltd.

Part # 330000002
Download  330000002 Click to download

File Size   78.16 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for 1.50mm MX150 Blade Male Terminals, 22-18 AWG

330000002 Datasheet (HTML) - Molex Electronics Ltd.


330000002 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description PremiumGrade Hand Crimp Tool
for 1.50mm MX150 Blade Male
Terminals, 22-18 AWG
Comments Prototype and field repair; Type:
4A
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name N/A
Tool Type Hand Crimp Tool
UPC 756054649695
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 330000002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
330000002 MOLEX-330000002 Datasheet
75Kb / 4P
PremiumGrade Hand Crimp Tool for 1.50mm MX150 Blade Male Terminals, 16-14 AWG
Jun 04, 2025
More results


Similar Description - 330000002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638112400 MOLEX-ATS-638112400 Datasheet
181Kb / 5P
Hand Crimp Tool for 1.50mm (.591") Pitch, MX150田?Blade Crimp Terminals
09-29-09
0638115900 MOLEX-0638115900 Datasheet
36Kb / 3P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 14-16 AWG
11/02/2021
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
0638112400 MOLEX-0638112400 Datasheet
35Kb / 3P
PremiumGrade Hand Crimp Tool for 1.50mm MX150 Blade Male Terminals, 14-16 AWG
08/26/2022
0638112600 MOLEX-0638112600 Datasheet
37Kb / 3P
PremiumGrade Hand Crimp Tool for 1.50mm MX150 Blade Male Terminals, 18-22 AWG
08/26/2022
0638114200 MOLEX-0638114200 Datasheet
51Kb / 3P
PremiumGrade Hand Crimp Tool for 2.54mm MX64 Terminals, 18-22 AWG
08/25/2022
0638114400 MOLEX-0638114400 Datasheet
34Kb / 2P
PremiumGrade Hand Crimp Tool for MX150L Terminals, 14-22 AWG
08/26/2022
0638116000 MOLEX-0638116000 Datasheet
40Kb / 4P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 18-22 AWG
08/26/2022
0638116500 MOLEX-0638116500 Datasheet
34Kb / 1P
PremiumGrade Hand Crimp Tool for SPOX Terminals, 18-24 AWG
08/26/2022
0638117200 MOLEX-0638117200 Datasheet
38Kb / 2P
PremiumGrade Hand Crimp Tool for Sabre Terminals, 14-18 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com