Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT16652 Datasheet (PDF) - Texas Instruments

74ACT16652 Datasheet PDF - Texas Instruments
Part # 74ACT16652
Download  74ACT16652 Download
File Size   287.53 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS

74ACT16652 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16652 Datasheet PDF - Texas Instruments

Part # 74ACT16652
Download  74ACT16652 Click to download

File Size   287.53 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS

74ACT16652 Datasheet (HTML) - Texas Instruments


74ACT16652 Product details

Members of the Texas Instruments
WidebusE Family
Inputs Are TTL-Voltage Compatible
Independent Registers and Enables for A
and B Buses
Multiplexed Real-Time and Stored Data
Flow-Through Architecture Optimizes
PCB Layout
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
EPICE (Enhanced-Performance Implanted
CMOS) 1-mm Process
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Spacings

description
The ’ACT16652 are 16-bit bus transceivers
consisting of D-type flip-flops and control circuitry
arranged for multiplexed transmission of data
directly from the data bus or from the internal
storage registers. The devices can be used as two
8-bit transceivers or one 16-bit transceiver.
Complementary output-enable (OEAB and
OEBA) inputs are provided to control the
transceiver functions. Select-control (SAB and
SBA) inputs are provided to select whether
real-time or stored data is transferred. A low input
level selects real-time data, and a high input level
selects stored data. The circuitry used for select
control eliminates the typical decoding glitch that
occurs in a multiplexer during the transition
between stored and real-time data. Figure 1
illustrates the four fundamental bus-management
functions that can be performed with the
’ACT16652.
Data on the A or B bus, or both, can be stored in the internal D flip-flops by low-to-high transitions at the
appropriate clock (CLKAB or CLKBA) inputs, regardless of the levels on the select-control or output-enable
inputs. When SAB and SBA are in the real-time transfer mode, it is also possible to store data without using the
internal D-type flip-flops by simultaneously enabling OEAB and OEBA. In this configuration, each output
reinforces its input. Thus, when all other data sources to the two sets of bus lines are at high impedance, each
set of bus lines remains at its last state.
The 74ACT16652 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16652 is characterized for operation over the full military temperature range of –55°C to 125°C. The
74ACT16652 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74ACT16652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16652 TI-74ACT16652 Datasheet
198Kb / 11P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16652DL TI-74ACT16652DL Datasheet
198Kb / 11P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16652DLG4 TI-74ACT16652DLG4 Datasheet
198Kb / 11P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16652DLR TI-74ACT16652DLR Datasheet
198Kb / 11P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16652DLRG4 TI-74ACT16652DLRG4 Datasheet
198Kb / 11P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ACT16652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI-SN54ACT16651 Datasheet
175Kb / 10P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16646 FAIRCHILD-74ABT16646 Datasheet
84Kb / 9P
16-Bit Transceivers and Registers with 3-STATE Outputs
74ABT16652 FAIRCHILD-74ABT16652 Datasheet
92Kb / 9P
16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com