Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA3ASH9 Datasheet (PDF) - APEM Components, Inc.

RA3ASH9 Datasheet PDF - APEM Components, Inc.
Part # RA3ASH9
Download  RA3ASH9 Download
File Size   101.98 Kbytes
Page   5 Pages
Manufacturer  MULTIMEC [APEM Components, Inc.]
Direct Link  https://www.apem.com/idec-apem/en_IN
Logo MULTIMEC - APEM Components, Inc.
Description PANEL BUSH, 2.5-4.0

RA3ASH9 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA3ASH9 Datasheet PDF - APEM Components, Inc.

Part # RA3ASH9
Download  RA3ASH9 Click to download

File Size   101.98 Kbytes
Page   5 Pages
Manufacturer  MULTIMEC [APEM Components, Inc.]
Direct Link  https://www.apem.com/idec-apem/en_IN
Logo MULTIMEC - APEM Components, Inc.
Description PANEL BUSH, 2.5-4.0

RA3ASH9 Datasheet (HTML) - APEM Components, Inc.


RA3ASH9 Product details

Specifications switches:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp: -40/+115°C
high temp:-40/+160°C




Similar Part No. - RA3ASH9

ManufacturerPart #DatasheetDescription
logo
APEM Components, Inc.
RA3ASH9 MULTIMEC-RA3ASH9 Datasheet
148Kb / 7P
basic switch modules
RA3ASH9 MULTIMEC-RA3ASH9 Datasheet
191Kb / 8P
basic switch modules
RA3ASH9R MULTIMEC-RA3ASH9R Datasheet
148Kb / 7P
basic switch modules
RA3ASH9R MULTIMEC-RA3ASH9R Datasheet
191Kb / 8P
basic switch modules
More results


Similar Description - RA3ASH9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA025XS1 ETC2-PA025XS1 Datasheet
655Kb / 28P
2.5 color TFT-LCD panel
31-35-25GFN ETC2-31-35-25GFN Datasheet
92Kb / 1P
Bush
logo
Qorvo, Inc
QPM2100 QORVO-QPM2100 Datasheet
1Mb / 17P
2.5 ??4.0 GHz Multi-Chip T/R Module
logo
HARTING Technology Grou...
09-14-000-9909 HARTING-09-14-000-9909 Datasheet
461Kb / 2P
Han-Modular Guiding Bush
2021-10-01
09-14-000-9982 HARTING-09-14-000-9982 Datasheet
471Kb / 2P
Han Modular guide bush
2021-10-01
logo
Wurth Elektronik GmbH &...
7466003 WURTH-7466003 Datasheet
427Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
7466004 WURTH-7466004 Datasheet
426Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
7466203 WURTH-7466203 Datasheet
423Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
7466204 WURTH-7466204 Datasheet
429Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
logo
FIBOX Enclosing innovat...
7028088 FIBOX-7028088 Datasheet
43Kb / 1P
Sealing bush
11.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com