Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17234 Datasheet (PDF) - Trust International B.V. All rights reserved.

17234 Datasheet PDF - Trust International B.V. All rights reserved.
Part # 17234
Download  17234 Download
File Size   192.71 Kbytes
Page   1 Pages
Manufacturer  TRUST [Trust International B.V. All rights reserved.]
Direct Link  https://www.trust.com
Logo TRUST - Trust International B.V. All rights reserved.
Description 13.3" Notebook Hardcover Case

17234 Datasheet (PDF)

Go To PDF Page Download Datasheet
17234 Datasheet PDF - Trust International B.V. All rights reserved.

Part # 17234
Download  17234 Click to download

File Size   192.71 Kbytes
Page   1 Pages
Manufacturer  TRUST [Trust International B.V. All rights reserved.]
Direct Link  https://www.trust.com
Logo TRUST - Trust International B.V. All rights reserved.
Description 13.3" Notebook Hardcover Case

17234 Datasheet (HTML) - Trust International B.V. All rights reserved.


17234 Product details

Key features
Sturdy notebook case with spill-proof, hard cover exterior to protect your
notebook against scratches and other damage
Large main compartment (340 x 240 x 38 mm) with protective soft
padding that fits most notebooks with screens up to 13.3"
Carry it on its own or use it for extra protection inside your regular
backpack or carry bag
2 Convenient carry handles that can be folded inside the bag for easy
storage and transport
High-quality finishing with durable materials and metal zippers with 2
zipper-pulls
Also fits your Macbook perfectly




Similar Part No. - 17234

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
172340-1 TEC-172340-1 Datasheet
543Kb / 6P
Mini-Universal MATE-N-LOK Connector System
09/2011
172341-1 TEC-172341-1 Datasheet
543Kb / 6P
Mini-Universal MATE-N-LOK Connector System
09/2011
logo
Weidmuller
1723410000 WEIDMULLER-1723410000 Datasheet
338Kb / 4P
SL 3.50/03/90 3.2SN BK BX
logo
TE Connectivity Ltd
172342-1 TEC-172342-1 Datasheet
543Kb / 6P
Mini-Universal MATE-N-LOK Connector System
09/2011
logo
Tyco Electronics
172343-1 MACOM-172343-1 Datasheet
2Mb / 134P
AMP Soft Shell Pin and Socket Connectors
More results


Similar Description - 17234

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1213-2W EXCELICS-RFMA1213-2W Datasheet
93Kb / 2P
12.7 - 13.3 GHz Power Amplifier MMIC
logo
AZ Displays
G133IGE-L03 AZDISPLAYS-G133IGE-L03 Datasheet
661Kb / 27P
13.3??TFT Liquid Crystal Display module
logo
List of Unclassifed Man...
NS2002BK ETC2-NS2002BK Datasheet
477Kb / 3P
Articulating Notebook Arm - Notebook/Laptop Computer Security & Stands
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
Notebook Computers
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
Notebook Computers
logo
Murata Manufacturing Co...
SF2021B MURATA-SF2021B Datasheet
280Kb / 2P
Hermetic 13.3 x 6.5 mm Surface3-Mount Case
logo
Advantech Co., Ltd.
EPD-660 ADVANTECH-EPD-660 Datasheet
419Kb / 3P
13.3 ePaper Wi-Fi Display Solution
16-May-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com