![]() |
Electronic Components Datasheet Search |
|
OFM40 Datasheet (PDF) - Astrodyne Corporation |
OFM40 Datasheet (HTML) - Astrodyne Corporation |
OFM40 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | OFM40 |
Download | OFM40 Click to view |
File Size | 650.4 Kbytes |
Page | 4 Pages |
Maker | ASTRODYNE [Astrodyne Corporation] |
Homepage | http://www.astrodyne.com |
Logo | |
Description | 40-60W Ultraminiature Open Frame Switching Power Supplies |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
ASM40 | 40W Ultraminiature Medical Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
ASM60 | 60W Ultraminiature Medical Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
EFM5 | 5W Ultraminiature Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
EFM10 | 10W Ultraminiature Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
EFM15 | 15W Ultraminiature Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
LFM20 | 20W Ultraminiature Open Frame Switching Power Supplies | 1 2 | Astrodyne Corporation |
LFM100 | 100W Ultraminiature Open Frame Switching Power Supplies | 1 2 | Astrodyne Corporation |
OFM5 | 5W Ultraminiature Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
OFM10 | 10W Ultraminiature Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
OFM15 | 15W Ultraminiature Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |