Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1931 Datasheet (PDF) - Shanghai Orient-Chip Technology Co.,LTD.

1931 Datasheet PDF - Shanghai Orient-Chip Technology Co.,LTD.
Part # 1931
Download  1931 Download
File Size   197.0 Kbytes
Page   2 Pages
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.
Description Linear Hall-effect Sensors

1931 Datasheet (PDF)

Go To PDF Page Download Datasheet
1931 Datasheet PDF - Shanghai Orient-Chip Technology Co.,LTD.

Part # 1931
Download  1931 Click to download

File Size   197.0 Kbytes
Page   2 Pages
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.
Description Linear Hall-effect Sensors

1931 Datasheet (HTML) - Shanghai Orient-Chip Technology Co.,LTD.


1931 Product details

◼ General Description
The OCH1931 is a small, versatile linear
Hall-effect device that is operated by the magnetic field
from a permanent magnet or an electromagnet .The
linear output voltage is set by the supply voltage and
varies in proportion to the strength of the magnetic
field.
The integrated circuitry features low noise output,
which makes it unnecessary to use external filtering. It
also includes thin film resistors to provide increased
temperature stability and accuracy.
The linear Hall sensor has an operating
temperature range of -40 °C to 85 °C appropriate for
commercial, consumer and industrial environments.

◼ Features
⚫ Input Voltage Range : 2.5V to 7.5V
⚫ Low-noise Output virtually Eliminates the Need
for Filtering
⚫ Responds to either Positive or Negative Gauss
⚫ Single Current Sourcing Output
⚫ Available in SIP-3L Packages
⚫ -40℃ to +85 ℃ Temperature Range

◼ Applications
⚫ Motor Control
⚫ Current Sensing
⚫ Position Sensing
⚫ Magnetic Code Reading
⚫ Rotary Encoder




Similar Part No. - 1931

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1931 ALPHAWIRE-1931 Datasheet
97Kb / 4P
Customer Specification
12/8/2022
logo
Advantech Co., Ltd.
1931000590 ADVANTECH-1931000590 Datasheet
359Kb / 2P
Development Kit for M2.COM LoRa IoT Node WISE-1510
1931000590 ADVANTECH-1931000590 Datasheet
447Kb / 2P
Development Kit for Low Power Wi-Fi M2.COM Module WISE-1520
1931000590 ADVANTECH-1931000590 Datasheet
509Kb / 2P
Evaluation Kit
1931000590 ADVANTECH-1931000590 Datasheet
620Kb / 2P
Development Board for COM Express Type 7 Pin-out Modules
More results


Similar Description - 1931

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
LINEAR OUTPUT HALL EFFECT SENSORS
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
logo
List of Unclassifed Man...
AMP50 ETC-AMP50 Datasheet
10Kb / 1P
Hall effect linear sensors
AH350 ETC-AH350 Datasheet
180Kb / 6P
Linear Hall-Effect Sensors
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
logo
Feeling Technology Corp...
FS50 FEELING-FS50 Datasheet
57Kb / 7P
LINEAR HALL-EFFECT SENSORS
logo
Shaoxing Devechip Micro...
SDC49E SDC-SDC49E Datasheet
368Kb / 9P
Linear Hall-effect Sensors
SDC96B SDC-SDC96B Datasheet
309Kb / 8P
Linear Hall-effect Sensors
SDC3503 SDC-SDC3503 Datasheet
313Kb / 8P
Linear Hall-effect Sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com