Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC-5665G Datasheet (PDF) - Lite-On Technology Corporation

LTC-5665G Datasheet PDF - Lite-On Technology Corporation
Part # LTC-5665G
Download  LTC-5665G Download
File Size   402.35 Kbytes
Page   7 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 0.5 inch (12.7 mm) DIGIT HEIGHT.

LTC-5665G Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC-5665G Datasheet PDF - Lite-On Technology Corporation

Part # LTC-5665G
Download  LTC-5665G Click to download

File Size   402.35 Kbytes
Page   7 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 0.5 inch (12.7 mm) DIGIT HEIGHT.

LTC-5665G Datasheet (HTML) - Lite-On Technology Corporation


LTC-5665G Product details

FEATURES
*0.5 inch (12.7 mm) DIGIT HEIGHT.
*CONTINUOUS UNIFORM SEGMENTS.
*LOW POWER REQUIREMENT.
*EXCELLENT CHARACTERS APPEARANCE.
*HIGH BRIGHTNESS & HIGH CONTRAST.
*WIDE VIEWING ANGLE.
*SOLID STATE RELIABILITY.

DESCRIPTION
The LTC-5665G is a 0.5 inch (12.7 mm) digit height quad digit
seven-segment display. This device utilizes green LED chips,
which are made from GaP on GaP substrate, and has a black face
and white segments.




Similar Part No. - LTC-5665G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-561HR LITEON-LTC-561HR Datasheet
126Kb / 7P
0.56 inch (14.22mm) DIGIT HEIGHT
LTC-5623G LITEON-LTC-5623G Datasheet
409Kb / 6P
LED Display
LTC-5623SW LITEON-LTC-5623SW Datasheet
534Kb / 10P
LED Display
LTC-5623SW-14 LITEON-LTC-5623SW-14 Datasheet
429Kb / 7P
LED Display
LTC-5653-01 LITEON-LTC-5653-01 Datasheet
786Kb / 5P
Continuous uniform segments
More results


Similar Description - LTC-5665G

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA05-11 KINGBRIGHT-SA05-11 Datasheet
481Kb / 5P
12.7 MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
ELD-516USOWA EVERLIGHT-ELD-516USOWA Datasheet
157Kb / 6P
0.5 inch Dual Digit Displays
2007/2/23
ELD-516SURWA EVERLIGHT-ELD-516SURWA Datasheet
166Kb / 7P
0.5 inch Dual Digit Displays
ELD-515SYGWA EVERLIGHT-ELD-515SYGWA Datasheet
156Kb / 6P
0.5 inch Dual Digit Displays
2006/9/3
ELD-515SURWA EVERLIGHT-ELD-515SURWA Datasheet
166Kb / 7P
0.5 inch Dual Digit Displays
logo
Lite-On Technology Corp...
LTD-2601B LITEON-LTD-2601B Datasheet
177Kb / 5P
0.28-inch (7.0-mm) DIGIT HEIGHT
LTD-4708JR LITEON-LTD-4708JR Datasheet
142Kb / 5P
0.4-INCH (10.0-mm) DIGIT HEIGHT
LTS-4301JF LITEON-LTS-4301JF Datasheet
142Kb / 5P
0.4 inch (10 mm) DIGIT HEIGHT
LTS-4610AE LITEON-LTS-4610AE Datasheet
119Kb / 5P
0.4 inch (10.16 mm) DIGIT HEIGHT
LTP-587Y LITEON-LTP-587Y Datasheet
135Kb / 5P
0.5-INCH (12.7-mm) DIGIT HEIGHT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com