Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ1024GA610 Datasheet (PDF) - Microchip Technology

PIC24FJ1024GA610 Datasheet PDF - Microchip Technology
Part # PIC24FJ1024GA610
Download  PIC24FJ1024GA610 Download
File Size   5109.34 Kbytes
Page   470 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)

PIC24FJ1024GA610 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC24FJ1024GA610 Datasheet PDF - Microchip Technology

Part # PIC24FJ1024GA610
Download  PIC24FJ1024GA610 Click to download

File Size   5109.34 Kbytes
Page   470 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)

PIC24FJ1024GA610 Datasheet (HTML) - Microchip Technology


PIC24FJ1024GA610 Product details

High-Performance CPU
• Modified Harvard Architecture
• Largest Program Memory Available for PIC24
(1024 Kbytes) for the Most Complex Applications
• 32 Kbytes SRAM for All Part Variants
• Up to 16 MIPS Operation @ 32 MHz
• 8 MHz Fast RC Internal Oscillator:
- 96 MHz PLL option
- Multiple clock divide options
- Run-time self-calibration capability for maintaining
better than ±0.20% accuracy
- Fast start-up
• 17-Bit x 17-Bit Single-Cycle Hardware
Fractional/Integer Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16-Bit x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture
• Two Address Generation Units for Separate Read
and Write Addressing of Data Memory
Universal Serial Bus Features
• USB v2.0 On-The-Go (OTG) Compliant
• Dual Role Capable – Can Act as Either Host or Peripheral
• Low-Speed (1.5 Mb/s) and Full-Speed (12 Mb/s)
USB Operation in Host mode
• Full-Speed USB Operation in Device mode
• High-Precision PLL for USB
• USB Device mode Operation from FRC Oscillator –
No Crystal Oscillator Required
• Supports up to 32 Endpoints (16 bidirectional):
- USB module can use any RAM location on the
device as USB endpoint buffers
• On-Chip USB Transceiver with Interface for Off-Chip
USB Transceiver
• Supports Control, Interrupt, Isochronous and
Bulk Transfers
• On-Chip Pull-up and Pull-Down Resistors
Analog Features
• 10/12-Bit, up to 24-Channel Analog-to-Digital (A/D)
Converter:
- 12-bit conversion rate of 200 ksps
- Auto-scan and threshold compare features
- Conversion available during Sleep
• Three Rail-to-Rail, Enhanced Analog Comparators
with Programmable Input/Output Configuration
• Charge Time Measurement Unit (CTMU):
- Used for capacitive touch sensing, up to 24 channels
- Time measurement down to 100 ps resolution
Low-Power Features
• Sleep and Idle modes Selectively Shut Down
Peripherals and/or Core for Substantial Power
Reduction and Fast Wake-up
• Doze mode Allows CPU to Run at a Lower Clock
Speed than Peripherals
• Alternate Clock modes Allow On-the-Fly Switching to
a Lower Clock Speed for Selective Power Reduction
• Wide Range Digitally Controlled Oscillator (DCO) for
Fast Start-up and Low-Power Operation
Special Microcontroller Features
• Large, Dual Partition Flash Program Array:
- Capable of holding two independent software
applications, including bootloader
- Permits simultaneous programming of one partition
while executing application code from the other
- Allows run-time switching between
Active Partitions
• 10,000 Erase/Write Cycle Endurance, Typical
• Data Retention: 20 Years Minimum
• Self-Programmable under Software Control
• Supply Voltage Range of 2.0V to 3.6V
• Operating Ambient Temperature from -40°C to
+85°C for Industrial and from -40°C to +125°C for
Extended Temperature Range Devices
• On-Chip Voltage Regulators (1.8V) for Low-Power
Operation
• Programmable Reference Clock Output
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Emulation (ICE) via Two Pins
• JTAG Boundary Scan Support
• Fail-Safe Clock Monitor Operation:
- Detects clock failure and switches to on-chip,
low-power RC Oscillator
• Power-on Reset (POR), Brown-out Reset (BOR),
Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Programmable High/Low-Voltage Detect (HLVD)
• Flexible Watchdog Timer (WDT) with its Own
RC Oscillator for Reliable Operation
Peripheral Features
• Peripheral Pin Select (PPS) –Allows Independent
I/O Mapping of Many Peripherals
• Up to Five External Interrupt Sources
• Configurable Interrupt-on-Change on All I/O Pins:
- Each pin is independently configurable for rising
edge or falling edge change detection
• Eight-Channel DMA Supports All Peripheral modules:
- Minimizes CPU overhead and increases data
throughput
• Five 16-Bit Timers/Counters with Prescalers:
- Can be paired as 32-bit timers/counters
• Six Input Capture modules, Each with a Dedicated
16-Bit Timer
• Six Output Compare/PWM modules, Each with a
Dedicated 16-Bit Timer
• Four Single Output CCPs (SCCPs) and Three
Multiple Output CCPs (MCCPs):
- Independent 16/32-bit time base for each module
- Internal time base and period registers
- Legacy PIC24F Capture and Compare modes
(16 and 32-bit)
- Special Variable Frequency Pulse and Brushless
DC Motor Output modes
• Enhanced Parallel Master/Slave Port (EPMP/EPSP)
• Hardware Real-Time Clock/Calendar (RTCC) with
Timestamping
• Three 3-Wire/4-Wire SPI modules:
- Support four Frame modes
- Eight-level FIFO buffer
- Support I2S operation
• Three I2C modules Support Multi-Master/Slave
mode and 7-Bit/10-Bit Addressing
• Six UART modules:
- Support RS-485, RS-232 and LIN/J2602
- On-chip hardware encoder/decoder for IrDA®
- Auto-wake-up on Auto-Baud Detect (ABD)
- Four-level deep FIFO buffer
• Programmable 32-Bit Cyclic Redundancy Check
(CRC) Generator
• Four Configurable Logic Cells (CLCs):
- Two inputs and one output, all mappable to
peripherals or I/O pins
- AND/OR/XOR logic and D/JK flip-flop functions
• High-Current Sink/Source (18 mA/18 mA) on All I/O Pins
• Configurable Open-Drain Outputs on Digital I/O Pins
• 5.5V Tolerant Inputs on Multiple I/O Pins




Similar Part No. - PIC24FJ1024GA610

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ1024GA610 MICROCHIP-PIC24FJ1024GA610 Datasheet
4Mb / 466P
16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
07/14/15
PIC24FJ1024GA610-I/PT MICROCHIP-PIC24FJ1024GA610-I/PT Datasheet
4Mb / 466P
16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
07/14/15
PIC24FJ1024GA610 MICROCHIP-PIC24FJ1024GA610_V01 Datasheet
4Mb / 466P
16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
07/14/15
More results


Similar Description - PIC24FJ1024GA610

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ256DA210 MICROCHIP-PIC24FJ256DA210 Datasheet
3Mb / 408P
64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
2010
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
PIC24FJ64GB004 MICROCHIP-PIC24FJ64GB004 Datasheet
2Mb / 352P
28/44-Pin, 16-Bit, Flash Microcontrollers with USB On-The-Go (OTG) and nanoWatt XLP Technology
2010
PIC24FJ256GB110 MICROCHIP-PIC24FJ256GB110 Datasheet
5Mb / 328P
64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2008
PIC24FJ256GB106 MICROCHIP-PIC24FJ256GB106 Datasheet
2Mb / 352P
64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
PIC24FJ256GB106-I MICROCHIP-PIC24FJ256GB106-I Datasheet
3Mb / 328P
64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB110-I MICROCHIP-PIC24FJ256GB110-I Datasheet
3Mb / 328P
64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB108-I MICROCHIP-PIC24FJ256GB108-I Datasheet
2Mb / 352P
64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com