Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT596 Datasheet (PDF) - Texas Instruments

SN74ACT596 Datasheet PDF - Texas Instruments
Part # SN74ACT596
Download  SN74ACT596 Download
File Size   1944.29 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers And TTL-Compatible Inputs

SN74ACT596 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT596 Datasheet PDF - Texas Instruments

Part # SN74ACT596
Download  SN74ACT596 Click to download

File Size   1944.29 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers And TTL-Compatible Inputs

SN74ACT596 Datasheet (HTML) - Texas Instruments


SN74ACT596 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Operating voltage range of 4.5V to 5.5V
• TTL-compatible inputs
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Fast operation with delay of 11.6ns max

2 Applications
• Increase the number of outputs on a
microcontroller
• Store up to 8 bits of data temporarily

3 Description
The SN74ACT596-Q1 device contains an 8-bit, serialin,
parallel-out shift register that feeds an 8-bit D-type
storage register. The storage register has parallel
open-drain outputs. Separate clocks are provided
for both the shift and storage register. The shift
register has a direct overriding clear (SRCLR) input,
serial (SER) input, and a serial output (QH') for
cascading. When the output-enable (OE) input is high,
the outputs are in a high-impedance state. Internal
register data is not impacted by the operation of the
OE input.




Similar Part No. - SN74ACT596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT596 TI1-SN74ACT596 Datasheet
1Mb / 31P
SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
NOVEMBER 2024
SN74ACT596-Q1 TI1-SN74ACT596-Q1 Datasheet
1Mb / 31P
SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
NOVEMBER 2024
SN74ACT596BQBR TI1-SN74ACT596BQBR Datasheet
1Mb / 31P
SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
NOVEMBER 2024
SN74ACT596PWR TI1-SN74ACT596PWR Datasheet
1Mb / 31P
SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
NOVEMBER 2024
More results


Similar Description - SN74ACT596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS595-Q1 TI1-SN74HCS595-Q1 Datasheet
457Kb / 22P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS594-Q1 TI1-SN74HCS594-Q1 Datasheet
1Mb / 27P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS596-Q1 TI1-SN74HCS596-Q1 Datasheet
1Mb / 26P
SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
SN74HCS596 TI-SN74HCS596 Datasheet
1Mb / 27P
SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V01 Datasheet
1Mb / 26P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V01 Datasheet
2Mb / 32P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V02 Datasheet
2Mb / 35P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V03 Datasheet
2Mb / 36P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
REVISED SEPTEMBER 2021
SN74HCS594-Q1 TI-SN74HCS594-Q1_V03 Datasheet
3Mb / 38P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
DECEMBER 2021
SN74AHCT165-Q1 TI1-SN74AHCT165-Q1 Datasheet
1Mb / 29P
SN74AHCT165-Q1 Automotive 8-Bit Parallel-Load Shift Register with TTL-Compatible Inputs
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com