Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562XX Datasheet (PDF) - STMicroelectronics

STM32H562XX Datasheet PDF - STMicroelectronics
Part # STM32H562XX
Download  STM32H562XX Download
File Size   5438.03 Kbytes
Page   270 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators

STM32H562XX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32H562XX Datasheet PDF - STMicroelectronics

Part # STM32H562XX
Download  STM32H562XX Click to download

File Size   5438.03 Kbytes
Page   270 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators

STM32H562XX Datasheet (HTML) - STMicroelectronics


STM32H562XX Product details

Features
Includes ST state-of-the-art patented
technology
Core
• Arm® Cortex®-M33 CPU with TrustZone®,
FPU, frequency up to 250 MHz, MPU,
375 DMIPS (Dhrystone 2.1)
ART Accelerator
• 8-Kbyte instruction cache allowing
0-wait-state execution from flash and external
memories
• 4-Kbyte data cache for external memories
Benchmarks
• 1.5 DMIPS/MHz (Drystone 2.1)
• 1023 CoreMark® (4.092 CoreMark®/MHz)
Memories
• Up to 2 Mbytes of embedded flash memory
with ECC, two banks read-while-write
• Up to 48-Kbyte per bank with high-cycling
capability (100 K cycles) for data flash
• 2-Kbyte OTP (one-time programmable)
• 640 Kbytes of SRAM (64-Kbyte SRAM2 with
ECC and 320-Kbyte SRAM3 with flexible ECC)
• 4 Kbytes of backup SRAM available in the
lowest power modes
• Flexible external memory controller with up to
16-bit data bus: SRAM, PSRAM, FRAM,
SDRAM/LPSDR SDRAM, NOR/NAND
memories
• One Octo-SPI memory interface with support
for serial PSRAM/NAND/NOR, hyper
RAM/flash frame formats
• Two SD/SDIO/MMC interfaces
Clock management
• Internal oscillators: 64 MHz HSI,
48 MHz HSI48, 4 MHz CSI, 32 kHz LSI
• External oscillators: 4-50 MHz HSE,
32.768 kHz LSE
General-purpose inputs/outputs
• Up to 140 fast I/Os with interrupt capability
(most of them 5 V-tolerant)
• Up to ten I/Os with independent supply down to
1.08 V
Low-power consumption
• Sleep, Stop, and Standby modes
• VBAT supply for RTC, 32 backup registers
(32-bit)
Security
• Arm® TrustZone® with Armv8-M mainline
security extension
• Up to eight configurable SAU regions
• TrustZone® aware and securable peripherals
• Flexible life cycle scheme with secure debug
authentication
• SFI (secure firmware installation)
• Secure firmware upgrade support with TF-M
• HASH hardware accelerator
• ECDSA signature verification
• True random number generator, NIST
SP800-90B compliant
• 96-bit unique ID
• Active tampers
Two DMA controllers to offload the CPU
• Two dual-port DMAs with FIFO
Mathematical acceleration
• CORDIC for trigonometric functions
acceleration
• FMAC (filter mathematical accelerator)
Reset and supply management
• 1.71 V to 3.6 V application supply and I/O
• POR, PDR, PVD, and BOR
• Embedded regulator (LDO) or SMPS stepdown
converter regulator with configurable
scalable output to supply the digital circuitry
Up to 24 timers
• 18 16-bit timers (including six low-power
16-bit timers available in Stop mode)
• Two 32-bit timers with up to four IC/OC/PWM
or pulse counters and quadrature (incremental)
encoder input
• Two watchdogs
• Two SysTick timers
Up to 34 communication interfaces
• Up to four I2Cs Fm+ (SMBus/PMBus®)
• One I3C
• Up to 12 U(S)ARTs (ISO7816 interface, LIN,
IrDA, modem control) and one LPUART
• Up to six SPIs, including three muxed in
full-duplex I2S audio class accuracy via
internal audio PLL or external clock, and up to
five additional SPIs from five USARTs when
configured in Synchronous mode (one
additional SPI with OctoSPI)
• Two SAIs
• Two FDCANs
• One 8- to 14-bit camera interface
• One 16-bit parallel slave synchronousinterface
• One HDMI-CEC
• One Ethernet MAC interface with DMA
controller
• One USB 2.0 full-speed host and device
• One USB Type-C®/USB Power Delivery r3.1
Analog
• Two 12-bit ADCs with up to 5 Msps in 12-bit
• One 12-bit DAC with two channels
• Digital temperature sensor
Debug
• Authenticated debug and flexible device life
cycle
• Serial wire-debug (SWD), JTAG, Embedded
Trace Macrocell™ (ETM)
ECOPACK2 compliant packages




Similar Part No. - STM32H562XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H563ZI STMICROELECTRONICS-STM32H563ZI Datasheet
2Mb / 14P
Professional MEMS tool: evaluation board for all ST MEMS sensors
20-Jan-2025
More results


Similar Description - STM32H562XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32H7B3XI STMICROELECTRONICS-STM32H7B3XI Datasheet
7Mb / 238P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com