Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD30PJX65L2SF Datasheet (PDF) - StarPower Europe AG

GD30PJX65L2SF Datasheet PDF - StarPower Europe AG
Part # GD30PJX65L2SF
Download  GD30PJX65L2SF Download
File Size   670.21 Kbytes
Page   13 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/30A PIM in one-package

GD30PJX65L2SF Datasheet (PDF)

Go To PDF Page Download Datasheet
GD30PJX65L2SF Datasheet PDF - StarPower Europe AG

Part # GD30PJX65L2SF
Download  GD30PJX65L2SF Click to download

File Size   670.21 Kbytes
Page   13 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/30A PIM in one-package

GD30PJX65L2SF Datasheet (HTML) - StarPower Europe AG


GD30PJX65L2SF Product details

General Description
STARPOWER IGBT Power Module provides ultra low conduction loss as well as short circuit ruggedness. They are designed for the applications such as general inverters and UPS.

Features
 Low VCE(sat) Trench IGBT technology
 6μs short circuit capability
 VCE(sat) with positive temperature coefficient
 Maximum junction temperature 175oC
 Low inductance case
 Fast & soft reverse recovery anti-parallel FWD
 Isolated heatsink using DBC technology
 PressFIT contact technology

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - GD30PJX65L2SF

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD30PJX65L2S STARPOWER-GD30PJX65L2S Datasheet
656Kb / 13P
650V/30A PIM in one-package
6/3/2020
More results


Similar Description - GD30PJX65L2SF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR30NE060 FUJI-7MBR30NE060 Datasheet
322Kb / 7P
IGBT(600V/30A/PIM)
7MBR30SA060 FUJI-7MBR30SA060 Datasheet
646Kb / 7P
IGBT MODULE(600V/30A/PIM)
7MBR30SC060 FUJI-7MBR30SC060 Datasheet
429Kb / 7P
PIM/Built-in converter with thyristor and brake (S series) 600V / 30A / PIM
logo
Renesas Technology Corp
RJP65T43DPQ-A0 RENESAS-RJP65T43DPQ-A0 Datasheet
527Kb / 8P
650V - 30A - IGBT
RJP65T54DPM-A0 RENESAS-RJP65T54DPM-A0 Datasheet
527Kb / 8P
650V - 30A - IGBT
RJH65T04BDPM-A0 RENESAS-RJH65T04BDPM-A0 Datasheet
736Kb / 11P
650V - 30A - IGBT
logo
Rohm
R6530KNX3 ROHM-R6530KNX3 Datasheet
2Mb / 14P
Nch 650V 30A Power MOSFET
R6530ENZ4 ROHM-R6530ENZ4 Datasheet
1Mb / 14P
Nch 650V 30A Power MOSFET
20200108 - Rev.002
logo
MacMic
MMG50H065XB6TC MACMIC-MMG50H065XB6TC Datasheet
615Kb / 9P
650V 50A PIM Module
November 2022 Version 01
logo
Silicon Supplies
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com