Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1952199 Datasheet (PDF) - PHOENIX CONTACT

1952199 Datasheet PDF - PHOENIX CONTACT
Part # 1952199
Download  1952199 Download
File Size   853.93 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMC 1,5/19-ST-3,5-RF - PCB connector

1952199 Datasheet (PDF)

Go To PDF Page Download Datasheet
1952199 Datasheet PDF - PHOENIX CONTACT

Part # 1952199
Download  1952199 Click to download

File Size   853.93 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMC 1,5/19-ST-3,5-RF - PCB connector

1952199 Datasheet (HTML) - PHOENIX CONTACT


1952199 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 19,
number of rows: 1, number of positions: 19, number of connections: 19, product range: FMC
1,5/..-ST-RF, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON FMC 1,5 - MCDN 1,5, locking: Snap-in
locking, mounting method: Latching flange, type of packaging: packed in cardboard




Similar Part No. - 1952199

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1952190000 WEIDMULLER-1952190000 Datasheet
458Kb / 4P
SL 5.00/02/90B 3.2SN BK BX
More results


Similar Description - 1952199

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952021 PHOENIX-1952021 Datasheet
77Kb / 4P
Printed-circuit board connector - FMC 1,5/ 2-ST-3,5-RF
1761263 PHOENIX-1761263 Datasheet
70Kb / 2P
FMC 1,5/15-ST-3,5-RF BK
1952186 PHOENIX-1952186 Datasheet
70Kb / 4P
Printed-circuit board connector - FMC 1,5/18-ST-3,5-RF
1832564 PHOENIX-1832564 Datasheet
70Kb / 2P
FMC 1,5/11-ST-3,5-RF AU
1952160 PHOENIX-1952160 Datasheet
71Kb / 4P
Printed-circuit board connector - FMC 1,5/16-ST-3,5-RF
1952128 PHOENIX-1952128 Datasheet
179Kb / 14P
Printed-circuit board connector - FMC 1,5/12-ST-3,5-RF
09/12/2020
1952047 PHOENIX-1952047 Datasheet
1Mb / 24P
Printed-circuit board connector - FMC 1,5/ 4-ST-3,5-RF
Jul 20, 2022
1952063 PHOENIX-1952063 Datasheet
1,017Kb / 24P
Printed-circuit board connector - FMC 1,5/ 6-ST-3,5-RF
Dec 30, 2022
1952432 PHOENIX-1952432 Datasheet
1Mb / 19P
Printed-circuit board connector - FMC 1,5/19-ST-3,5
Jan 10, 2023
1840531 PHOENIX-1840531 Datasheet
960Kb / 18P
PCB connector - MC 1,5/19-ST-3,5
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com