Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIM003 Datasheet (PDF) - TEWS Technologies GmbH

TPIM003 Datasheet PDF - TEWS Technologies GmbH
Part # TPIM003
Download  TPIM003 Download
File Size   250.91 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O

TPIM003 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIM003 Datasheet PDF - TEWS Technologies GmbH

Part # TPIM003
Download  TPIM003 Click to download

File Size   250.91 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O

TPIM003 Datasheet (HTML) - TEWS Technologies GmbH


TPIM003 Product details

Application Information
The TPMC632 is a standard single-width 32 bit PMC module providing a user configurable XC6SLX45T-2 or XC6SLX100T-2 Spartan-6 FPGA. The integrated Spartan-6’s PCIe Endpoint Block is connected to a PCIe-to-PCI Bridge which routed to the PMC PCI Interface.
Different variants of the TPMC632 provide ESD-protected TTL lines, ESD-protected differential I/O lines and differential Multipoint-LVDS lines. Also combination of 32 TTL and 16 differential I/O lines are supported.
All lines are individually programmable as input, output or tri-state. The receivers are always enabled, which allows determining the state of each I/O line at any time. This can be used as read back function for lines configured as outputs. Each TTL I/O line has a pull resistor. The pull voltage level is selectable to be either +3.3V, +5V and additionally GND. The differential I/O lines are terminated by 120Ω resistors and the differential Multipoint-LVDS lines are terminated by 100Ω resistors.
The FPGA is connected to a 128 Mbytes, 16 bit wide DDR3 SDRAM. The SDRAM-interface uses a hardwired internal Memory Controller Block of the Spartan-6.
The FPGA is configured by a platform flash or SPI flash. Both configuration flashes are in-system programmable. An in-circuit debugging option is available via a JTAG header for read back and real-time debugging of the FPGA design (using Xilinx “ChipScope”).
The TPMC632 provides front panel I/O via a HD68 SCSI-3 type connector and rear panel I/O via P14.
User applications for the TPMC632 with XC6SLX45T-2 FPGA can be developed using the design software ISE WebPACK which can be downloaded free of charge from www.xilinx.com. The larger FPGA densities require a full licensed ISE Design Suite.
TEWS offers an FPGA Development Kit (TPMC632-FDK) which consists of well documented basic example design. It includes an .ucf file with all necessary pin assignments and basic timing constraints. The example design covers the main functionalities of the TPMC632. It implements a DMA capable PCIe endpoint with interrupt support, register mapping, DDR3 memory access and basic I/O. It comes as a Xilinx ISE project with source code and as a ready-to-download bitstream.
Please note: The basic example design requires the Embedded Development Kit (EDK), which is part of the Embedded or System Edition of the ISE Design Suite from Xilinx (downloadable from www.xilinx.com, a 30 day evaluation license is available).
Software Support (TDRV015-SW-xx) for different operating systems is available.




Similar Part No. - TPIM003

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM003 TEWS-TPIM003 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM003 TEWS-TPIM003 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM003 TEWS-TPIM003 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM003 TEWS-TPIM003 Datasheet
125Kb / 2P
Reconfigurable FPGA with TTL/Differential I/O to PIM Module Slot
11/2009
TPIM003 TEWS-TPIM003 Datasheet
168Kb / 3P
Reconfigurable FPGA with direct Connect to
2019-09-09
More results


Similar Description - TPIM003

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217 Datasheet
150Kb / 5P
64 - PIN SUPUR I/O WITH LPC INTERFACE
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
64-Pin Super I/O with LPC Interface
logo
List of Unclassifed Man...
AN221E04 ETC2-AN221E04 Datasheet
434Kb / 21P
Dynamically Reconfigurable FPAA With Enhanced I/O
logo
SMSC Corporation
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
64-Pin Super I/O with LPC Interface
logo
Advantech Co., Ltd.
PCL-730 ADVANTECH-PCL-730 Datasheet
165Kb / 1P
32-ch Isolated Digital I/O card with 32 TTL Channels and PCI Interface
logo
Holtek Semiconductor In...
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com