Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA303 Datasheet (PDF) - TEWS Technologies GmbH

TA303 Datasheet PDF - TEWS Technologies GmbH
Part # TA303
Download  TA303 Download
File Size   376.25 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8/4 Channels of Isolated 16-bit D/A

TA303 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA303 Datasheet PDF - TEWS Technologies GmbH

Part # TA303
Download  TA303 Click to download

File Size   376.25 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8/4 Channels of Isolated 16-bit D/A

TA303 Datasheet (HTML) - TEWS Technologies GmbH


TA303 Product details

Application Information
The TPMC551 is a standard single-width 32-bit PMC
module providing optically isolated 16-bit analog outputs.
The number of D/A channels and the I/O connector
depends on the module version. Settling time to 0.003%
is 10 μs typical. Immediate and simultaneous loading are
supported.
A sequencer allows periodical updates of enabled
channels and the sequence timer range extends from
100 μs to 6.5 s.
The TPMC551 offers two output voltage ranges, ±10 V
and 0-10 V, which are selectable by solder pads.
An board DC/DC converter powers the isolated DAC and
the output buffers.
Each TPMC551 is delivered factory calibrated. The
calibration information is stored in the Calibration-PROM
unique to each PMC module.
Software Support (TPMC551-SW-xx) is available for
different operating systems.




Similar Part No. - TA303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA303 ETC1-TA303 Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA303 OHMITE-TA303 Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
TA303 OHMITE-TA303 Datasheet
333Kb / 2P
High Power Density
logo
TEWS Technologies GmbH
TA303 TEWS-TA303 Datasheet
129Kb / 2P
8/4 Channels of Isolated 12-Bit D/A
2017-08-31
TA303 TEWS-TA303 Datasheet
367Kb / 2P
4 Channel Isolated Serial Interface RS232
2017-08-31
More results


Similar Description - TA303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
List of Unclassifed Man...
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
Supertex, Inc
HV2631 SUTEX-HV2631 Datasheet
668Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
logo
ADL Embedded Solutions
104-AIO16-16E ADL-104-AIO16-16E Datasheet
458Kb / 2P
16-bit, 16-channel A/D with 12-bit D/A
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
10-bit, 8 Channels A/D Converter
logo
Supertex, Inc
HV2631 SUTEX-HV2631_09 Datasheet
515Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
logo
List of Unclassifed Man...
W55AD808 ETC2-W55AD808 Datasheet
499Kb / 6P
8-bit ADC with 8 input channels
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com