Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIM006 Datasheet (PDF) - TEWS Technologies GmbH

TPIM006 Datasheet PDF - TEWS Technologies GmbH
Part # TPIM006
Download  TPIM006 Download
File Size   898.46 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled, Four Channel 10/100/1000 Mbit/s Ethernet

TPIM006 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIM006 Datasheet PDF - TEWS Technologies GmbH

Part # TPIM006
Download  TPIM006 Click to download

File Size   898.46 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled, Four Channel 10/100/1000 Mbit/s Ethernet

TPIM006 Datasheet (HTML) - TEWS Technologies GmbH


TPIM006 Product details

Application Information
The TPMC395 is a Conduction Cooled PCI Mezzanine
Card (CCPMC) compatible module providing a four
channel Ethernet 10Base-T / 100Base-TX / 1000Base-T
interface.
A transparent 64 bit, up to 133 MHz PCI-X/PCI to PCIe
Bridge and a PCIe Switch provide access to the Intel
I210IT Gigabit Ethernet controllers. Each Ethernet
interface supports 10, 100 and 1000 Mbit/s transmission
rates and is equipped with a 16 Mbit Serial Flash to
support PXE and iSCSI boot.
The four Ethernet interfaces of the TPMC395 are capable
of performing an auto negotiation algorithm which allows
both link-partners to determine the best link-parameters.
The TPMC395 supports IEEE 1588/802.1AS Precision
Time Protocol (PTP) and IEEE 802.1Qav Audio/Video
Bridging (AVB) traffic shaping (with software extensions).
The TPMC395-10R routes four Ethernet ports to the Back
I/O P14 connector.
All ports are galvanically isolated from the Ethernet
controllers and LEDs on the board indicate the different
network activities.
The module meets the requirements to operate in
extended temperature range from -40°C to +85°C.
Software Support:
o Software support for Intel I210IT at www.intel.com
o For operating systems not supported by Intel, please
contact TEWS.




Similar Part No. - TPIM006

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM006 TEWS-TPIM006 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM006 TEWS-TPIM006 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM006 TEWS-TPIM006 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM006 TEWS-TPIM006 Datasheet
196Kb / 1P
PIM I/O Module for Gigabit Ethernet PMCs
2017-08-31
TPIM006 TEWS-TPIM006 Datasheet
611Kb / 3P
Dual/Four Channel 10/100/1000 Mbit/s Ethernet
06.01.2022
More results


Similar Description - TPIM006

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
List of Unclassifed Man...
942132003 ETC2-942132003 Datasheet
95Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132014 ETC2-942132014 Datasheet
97Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132015 ETC2-942132015 Datasheet
98Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141019 ETC2-942141019 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141020 ETC2-942141020 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141033 ETC2-942141033 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141034 ETC2-942141034 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
logo
PMC-Sierra, Inc
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
Schneider Electric
170ENT11001 SCHNEIDER-170ENT11001 Datasheet
126Kb / 2P
Modicon Momentum - Ethernet communication adaptor - 10/100 Mbit/s
Apr 12, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com