Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5277B Datasheet (PDF) - First Components International

1N5277B Datasheet PDF - First Components International
Part # 1N5277B
Download  1N5277B Download
File Size   159.54 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1/2 Watt ZENER DIODES

1N5277B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5277B Datasheet PDF - First Components International

Part # 1N5277B
Download  1N5277B Click to download

File Size   159.54 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1/2 Watt ZENER DIODES

1N5277B Datasheet (HTML) - First Components International


1N5277B Product details

Features
■ 5 & 10% VOLTAGE TOLERANCES AVAILABLE
■ WIDE VOLTAGE RANGE
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - 1N5277B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5277B FAIRCHILD-1N5277B Datasheet
85Kb / 3P
Absolute Maximum Ratings
1N5277B FAIRCHILD-1N5277B Datasheet
85Kb / 3P
Zeners
logo
Central Semiconductor C...
1N5277B CENTRAL-1N5277B Datasheet
173Kb / 2P
ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
Fairchild Semiconductor
1N5277B FAIRCHILD-1N5277B Datasheet
193Kb / 4P
Zeners
logo
Galaxy Semi-Conductor H...
1N5277B BILIN-1N5277B Datasheet
202Kb / 3P
ZENER DIODES
More results


Similar Description - 1N5277B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
1 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
logo
First Components Intern...
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
1/2 Watt ZENER DIODES
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 91V)
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 75V)
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
Silicon 1 Watt Zener Diodes
logo
First Components Intern...
1N5226A FCI-1N5226A Datasheet
162Kb / 3P
1/2 Watt ZENER DIODES
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
1/2 Watt ZENER DIODES
1N5230A FCI-1N5230A Datasheet
162Kb / 3P
1/2 Watt ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com