Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAV22240AY2 Datasheet (PDF) - Innogration Technologies, Inc.

STAV22240AY2 Datasheet PDF - Innogration Technologies, Inc.
Part # STAV22240AY2
Download  STAV22240AY2 Download
File Size   1310.89 Kbytes
Page   8 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description Gallium Nitride 50V, 240W, 1.8-2.2GHz RF Power Transistor

STAV22240AY2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STAV22240AY2 Datasheet PDF - Innogration Technologies, Inc.

Part # STAV22240AY2
Download  STAV22240AY2 Click to download

File Size   1310.89 Kbytes
Page   8 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description Gallium Nitride 50V, 240W, 1.8-2.2GHz RF Power Transistor

STAV22240AY2 Datasheet (HTML) - Innogration Technologies, Inc.


STAV22240AY2 Product details

Description
The STAV22240AY2 is an input matched, single ended 240watt, GaN HEMT, ideal for 5G applications
from 1.8 to 2.2GHz.
There is no guarantee of performance when this part is used outside of stated frequencies.

Applications
 Sub-2GHz pulse or CW amplifier
 5G base station amplifier
 Doherty power amplifier




Similar Part No. - STAV22240AY2

ManufacturerPart #DatasheetDescription
logo
Innogration Technologie...
STAV22200AY2 INNOGRATION-STAV22200AY2 Datasheet
1Mb / 5P
Gallium Nitride 50V, 200W, 1.8-2.2GHz RF Power Transistor
More results


Similar Description - STAV22240AY2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
Gallium Nitride 28V, 23W RF Power Transistor
NPT25100 MA-COM-NPT25100 Datasheet
1Mb / 13P
Gallium Nitride 28V, 125W RF Power Transistor
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
Gallium Nitride 28V, 5W RF Power Transistor
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
Gallium Nitride 28V, 100W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
Gallium Nitride 28V, 18W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com