Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV502T1B59010 Datasheet (PDF) - Belden Inc.

EV502T1B59010 Datasheet PDF - Belden Inc.
Part # EV502T1B59010
Download  EV502T1B59010 Download
File Size   137.33 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff Cat 5e 600V TC Ruggedized IP20 RJ45 Cord Set

EV502T1B59010 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV502T1B59010 Datasheet PDF - Belden Inc.

Part # EV502T1B59010
Download  EV502T1B59010 Click to download

File Size   137.33 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff Cat 5e 600V TC Ruggedized IP20 RJ45 Cord Set

EV502T1B59010 Datasheet (HTML) - Belden Inc.


EV502T1B59010 Product details

Product Description
Cat 5e ruggedized metal body RJ45 plugs suitable for use in IP20 unsealed applications, four pair 18 AWG stranded tinned copper conductors, fluoropolymer
insulation, overall Beldfoil and tinned copper braid shield, TPE jacket.




Similar Part No. - EV502T1B59010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EV500 MACOM-EV500 Datasheet
418Kb / 2P
Kilovac EV500 BUBBA - 600 Amps Make & Break Load Switching
logo
TE Connectivity Ltd
EV500 TEC-EV500 Datasheet
334Kb / 2P
n Suited for circuit protection control
logo
Tyco Electronics
EV5004A MACOM-EV5004A Datasheet
418Kb / 2P
Kilovac EV500 BUBBA - 600 Amps Make & Break Load Switching
EV5004B MACOM-EV5004B Datasheet
418Kb / 2P
Kilovac EV500 BUBBA - 600 Amps Make & Break Load Switching
EV5005A MACOM-EV5005A Datasheet
418Kb / 2P
Kilovac EV500 BUBBA - 600 Amps Make & Break Load Switching
More results


Similar Description - EV502T1B59010

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
E501001 BELDEN-E501001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E503001 BELDEN-E503001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E504001 BELDEN-E504001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set, 1m
E505001 BELDEN-E505001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e 600V AWM IP20 RJ45 Cord Set, 1m
E506001 BELDEN-E506001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E507001 BELDEN-E507001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E508001 BELDEN-E508001 Datasheet
96Kb / 2P
Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
E509001 BELDEN-E509001 Datasheet
96Kb / 2P
Cord Sets - DataTuff짰 Cat 5e 600V AWM IP20 RJ45 Cord Set
E601001 BELDEN-E601001 Datasheet
220Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP20 RJ45 Cord Set, 1m
E605001 BELDEN-E605001 Datasheet
221Kb / 1P
Cord Sets, DataTuff짰 Cat 6a 600V AWM IP20 RJ45 Cord Set, 1m
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com