Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD5367B Datasheet (PDF) - Silicon Supplies

CD5367B Datasheet PDF - Silicon Supplies
Part # CD5367B
Download  CD5367B Download
File Size   317.68 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 5W Zener Diode

CD5367B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD5367B Datasheet PDF - Silicon Supplies

Part # CD5367B
Download  CD5367B Click to download

File Size   317.68 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 5W Zener Diode

CD5367B Datasheet (HTML) - Silicon Supplies


CD5367B Product details

Features:
 High Power Rating
 Sharp Reverse Characteristics
 Low Reverse Current Levels
 High Reliability tested grades.




Similar Part No. - CD5367B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD5367B CDI-DIODE-CD5367B Datasheet
82Kb / 2P
ZENER DIODE CHIPS
More results


Similar Description - CD5367B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
5W ZENER DIODE
DS21407 Rev. D-3
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
ZENER 5W VOLTAGE REGULATOR
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
5W SILICON ZENER DIODE
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
5W SURFACE MOUNT SILICON ZENER DIODE
logo
Sensitron
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
ZENER 5W VOLTAGE REGULATOR
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
5W ZENER DIODE
logo
Formosa MS
1N5338B FORMOSA-1N5338B Datasheet
948Kb / 4P
5W Zener Diode 5.1 to 200V
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
5W Zener Doides
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com