Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

942067001 Datasheet (PDF) - Belden Inc.

942067001 Datasheet PDF - Belden Inc.
Part # 942067001
Download  942067001 Download
File Size   206.83 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MACH1000, RSPx, RSR and GREYHOUND Power Cord - Schuko 1,5m

942067001 Datasheet (PDF)

Go To PDF Page Download Datasheet
942067001 Datasheet PDF - Belden Inc.

Part # 942067001
Download  942067001 Click to download

File Size   206.83 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MACH1000, RSPx, RSR and GREYHOUND Power Cord - Schuko 1,5m

942067001 Datasheet (HTML) - Belden Inc.


942067001 Product details

Product Description
Connection cable to power switches with high voltage power supply (MACH1000, RSPx, RSR and GREYHOUND), length 1.5m, Side A: 3-pin female connector, Side B: Safety Plug (CEE 7/4)




Similar Part No. - 942067001

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
942067101 BELDEN-942067101 Datasheet
206Kb / 1P
MACH1000, RSPx, RSR and GREYHOUND Power Cord - Schuko 2,5m
04-17-2024
More results


Similar Description - 942067001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P050008 TRIPPLITE-P050008 Datasheet
483Kb / 2P
2-Prong European Power Cord, 16A (IEC-320-C19 to SCHUKO CEE 7-7), 8-ft
P054006 TRIPPLITE-P054006 Datasheet
474Kb / 2P
2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 6-ft
P054008 TRIPPLITE-P054008 Datasheet
476Kb / 2P
2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 8-ft
P058006 TRIPPLITE-P058006 Datasheet
480Kb / 2P
2-Prong European Computer Power Cord (C5 to SCHUKO CEE 7-7), 6-ft
CSCXS36AC TRIPPLITE-CSCXS36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, Schuko, 230V - 3 m Cord
P050-008 TRIPPLITE-P050-008 Datasheet
164Kb / 2P
C19 to Schuko, EU Power Cord - 16A, 250V, 16 AWG, 8 ft. (2.4 m), Black
P058-006 TRIPPLITE-P058-006 Datasheet
165Kb / 2P
C5 to Schuko, European Computer Power Cord - 2.5A, 250V, 17 AWG, 6 ft. (1.8 m), Black
P059-006 TRIPPLITE-P059-006 Datasheet
171Kb / 2P
C7 to Schuko, European Computer Power Cord - 2.5A, 250V, 18 AWG, 6 ft. (1.8 m), Black
U280-010-ST-CEE TRIPPLITE-U280-010-ST-CEE Datasheet
174Kb / 3P
10-Port USB Charging Station with Adjustable Storage, 12V 8A (96W) USB Charger Output, Schuko Power Cord
logo
Electronic Components L...
FCR72040 CLIFF-FCR72040 Datasheet
240Kb / 1P
REWIREABLE 90° SCHUKO PLUG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com