Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OB3330CP Datasheet (PDF) - On-Bright Electronics Co., Ltd.

OB3330CP Datasheet PDF - On-Bright Electronics Co., Ltd.
Part # OB3330CP
Download  OB3330CP Download
File Size   669.26 Kbytes
Page   10 Pages
Manufacturer  ONBRIGHT [On-Bright Electronics Co., Ltd.]
Direct Link  https://www.on-bright.com/en/
Logo ONBRIGHT - On-Bright Electronics Co., Ltd.
Description High Performance LED Lighting Driver

OB3330CP Datasheet (PDF)

Go To PDF Page Download Datasheet
OB3330CP Datasheet PDF - On-Bright Electronics Co., Ltd.

Part # OB3330CP
Download  OB3330CP Click to download

File Size   669.26 Kbytes
Page   10 Pages
Manufacturer  ONBRIGHT [On-Bright Electronics Co., Ltd.]
Direct Link  https://www.on-bright.com/en/
Logo ONBRIGHT - On-Bright Electronics Co., Ltd.
Description High Performance LED Lighting Driver

OB3330CP Datasheet (HTML) - On-Bright Electronics Co., Ltd.


OB3330CP Product details

GENERAL DESCRIPTION
The OB3330 is power factor correction,
primary-side-control LED lighting driver with
advanced features to provide high efficiency
control for lighting applications.
OB3330 features an internal start-up timer for
stand-alone applications, an analog multiplier for
power factor correction (PFC), zero current
detectors (ZCD) to ensure transition mode (TM)
operation, a current sensing comparator with
built-in leading-edge blanking, and a totem pole
output.
OB3330 offers great protection coverage including
VCC under voltage lockout (UVLO), VCC over
voltage protection, load voltage over voltage
protection, Level selectable cycle-by-cycle current
limiting, over temperature protection, LED
open/short circuit protection and gate drive output
clamping for external power MOSFET protection

FEATURES
Primary-Side Control with Single Stage PFC
Topology
Minimized BOM Count
Transition Mode (TM) Operation to Achieve
High Efficiency
Analog multiplier for Power Factor Correction
High Current Accuracy
Cycle-by-Cycle Current Limiting (OCP)
Selectable Threshold of OCP
VCC Over Voltage Protection
Output Over Voltage Protection
Over-temperature Protection
LED Open Circuit Protection
LED Short Circuit Protection
Soft-start
VCC Under Voltage Lockout (UVLO)
Ultra-low Start-up Current

APPLICATIONS
LED Lighting
Industrial and Commercial lighting
Residential lighting




Similar Part No. - OB3330CP

ManufacturerPart #DatasheetDescription
logo
ams AG
OB33 AMSCO-OB33 Datasheet
7Kb / 1P
OB33 is a 4.0 mA output pad cell, 0.6 um CMOS
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
Cost Effective CCFL Controller -- Push Pull
OB3302CP ETC-OB3302CP Datasheet
201Kb / 1P
Cost Effective CCFL Controller -- Push Pull
OB3306 ETC-OB3306 Datasheet
146Kb / 1P
High Integrated LCD Monitor Backlight Inverter Controller
OB3306QP ETC-OB3306QP Datasheet
146Kb / 1P
High Integrated LCD Monitor Backlight Inverter Controller
More results


Similar Description - OB3330CP

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
350mA, LED Lighting Driver
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
613Kb / 35P
High-Performance 4-Channel LED Driver for Automotive Lighting
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 112P
Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
High Voltage LED Lighting Driver
logo
First Silicon Co., Ltd
FC1350 FS-FC1350 Datasheet
136Kb / 3P
350mA LED Lighting Driver
FC1360 FS-FC1360 Datasheet
149Kb / 7P
1A LED Lighting Driver
logo
Shenzhen Huazhimei Semi...
HM9928 HMSEMI-HM9928 Datasheet
340Kb / 5P
LED Emergency Lighting driver
logo
Shanghai SincereTek Mic...
QW2886 SINCERETEK-QW2886 Datasheet
258Kb / 5P
LED Emergency Lighting driver
2018-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com