Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT20807QE Datasheet (PDF) - Pericom Semiconductor Corporation

PI49FCT20807QE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI49FCT20807QE
Download  PI49FCT20807QE Download
File Size   163.11 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1-10 Clock Buffer for Networking Applications

PI49FCT20807QE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI49FCT20807QE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI49FCT20807QE
Download  PI49FCT20807QE Click to download

File Size   163.11 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1-10 Clock Buffer for Networking Applications

PI49FCT20807QE Datasheet (HTML) - Pericom Semiconductor Corporation


PI49FCT20807QE Product details

Description
The PI49FCT20807, a 2.5V compatible, high-speed, low-noise 1-10 non-inverting clock buffer, is designed to target networking applications that require low-skew, low-jitter, and high-frequency clock distribution. Providing output-to-output skew as low as 150ps, the PI49FCT20807 is an ideal clock distribution device for synchronous systems. Designing synchronous networking systems requires a tight level of skew from a large number of outputs.

Features
• High Frequency >150 MHz
• High-speed, low-noise, non-inverting 1-10 buffer
• Low-skew (<150ps) between any two output clocks
• Low duty cycle distortion <300ps
• Low propagation delay <3.5ns
• Multiple VDD, GND pins for noise reduction
• 2.5V supply voltage and 3V tolerant input
• Packaging (Pb-free & Green available):
    -20-pin SOIC (S)
    -20-pin SSOP (H)
    -20-pin QSOP (Q)




Similar Part No. - PI49FCT20807QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20807QE PERICOM-PI49FCT20807QE Datasheet
326Kb / 6P
1-10 Clock Buffer for Networking Applications
More results


Similar Description - PI49FCT20807QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT3802 PERICOM-PI49FCT3802 Datasheet
436Kb / 6P
1:5/1:7 Clock Buffer for Networking Applications
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6CL10804 PERICOM-PI6CL10804 Datasheet
557Kb / 6P
1.2V/1.5V, 200MHz, 1:4 Networking Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com