Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKT551/16E Datasheet (PDF) - Semikron International

SKT551/16E Datasheet PDF - Semikron International
Part # SKT551/16E
Download  SKT551/16E Download
File Size   958.92 Kbytes
Page   4 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Thyristors

SKT551/16E Datasheet (PDF)

Go To PDF Page Download Datasheet
SKT551/16E Datasheet PDF - Semikron International

Part # SKT551/16E
Download  SKT551/16E Click to download

File Size   958.92 Kbytes
Page   4 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Thyristors

SKT551/16E Datasheet (HTML) - Semikron International


SKT551/16E Product details

Features
• Hermetic metal case with ceramic insulator
• Capsule package for double sided cooling
• Shallow design with single sided cooling
• International standard case
• Off-state and reverse voltage up to 1800 V
• Amplifying gate

Typical Applications
• DC motor control (e. g. for machine tools)
• Controlled rectifier (e. g. for battery charging)
• AC controllers (e. g. for temperature control)
• Recommended snubber network e.g. for VVRMS ≤ 400 V: R  = 33 Ω/32 W, C = 0,47 μF




Similar Part No. - SKT551/16E

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKT551 SEMIKRON-SKT551 Datasheet
960Kb / 4P
Thyristors
SKT551-08E SEMIKRON-SKT551-08E Datasheet
960Kb / 4P
Thyristors
SKT551-12E SEMIKRON-SKT551-12E Datasheet
960Kb / 4P
Thyristors
SKT551-14E SEMIKRON-SKT551-14E Datasheet
960Kb / 4P
Thyristors
SKT551-16E SEMIKRON-SKT551-16E Datasheet
960Kb / 4P
Thyristors
More results


Similar Description - SKT551/16E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com