Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC488 Datasheet (PDF) - Semtech Corporation

SC488 Datasheet PDF - Semtech Corporation
Part # SC488
Download  SC488 Download
File Size   806.23 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Complete DDR1/2/3 Memory Power Supply

SC488 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC488 Datasheet PDF - Semtech Corporation

Part # SC488
Download  SC488 Click to download

File Size   806.23 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Complete DDR1/2/3 Memory Power Supply

SC488 Datasheet (HTML) - Semtech Corporation


SC488 Product details

Description

The SC488 is a combination switching regulator and linear source/sink regulator intended for DDR1/2 memory systems. The purpose of the switching regulator is to generate the supply voltage, VDDQ, for the memory system. It is a pseudo-fixed frequency constant on-time controller designed for high efficiency, superior DC accuracy, and fast transient response. The purpose of the linear source/sink regulator is to generate the memory termination voltage, VTT, with the ability to source and sink 2.8A peak currents.



Features

♦ Constant On-Time Controller for Fast Dynamic Response on VDDQ

♦ DDR1/DDR2/DDR3 Compatible

♦ VDDQ = Fixed 1.8V or 2.5V, or Adjustable From 1.5V to 3.0V

♦ 1.5% Internal Reference (2.5% System Accuracy)

♦ Resistor Programmable On-Time for VDDQ

♦ VCCA/VDDP Range = 4.5V to 5.5V

♦ VIN Range = 2.5V to 25V

♦ VDDQ DC Current Sense Using Low-Side RDS(ON) Sensing

♦ External RSENSE in Series with Low-Side FET

♦ Cycle-by-Cycle Current Limit for VDDQ

♦ Digital Soft-Start for VDDQ

♦ Analog Soft-Start for VTT/REF

♦ Smart Over-Voltage VDDQ Protection

♦ Combined EN and PSAVE Pin for VDDQ

♦ Over-Voltage/Under-Voltage Fault Protection

♦ Power Good Output

♦ Separate VCCA and VDDP Supplies

♦ VTT/REF Range = 0.75V – 1.5V

♦ VTT Source/Sink 2.8A Peak

♦ Internal Resistor Divider for VTT/REF

♦ VTT is High Impedance in S3

♦ VDDQ, VTT, REF are Actively Discharged in S4/S5

♦ 24 Lead MLPQ (4x4 mm) Lead-Free Package

♦ Product Is Fully WEEE and RoHS Compliant



Applications

♦ Notebook Computers

♦ CPU I/O Supplies

♦ Handheld Terminals and PDAs

♦ LCD Monitors

♦ Network Power Supplies



 




Similar Part No. - SC488

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC480 SEMTECH-SC480 Datasheet
846Kb / 25P
Complete DDR1/2/3 Memory Power Supply
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
Multiple Function Double Ended PWM Controller
SC4806MLTRT SEMTECH-SC4806MLTRT Datasheet
473Kb / 22P
Multiple Function Double Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
473Kb / 31P
High Performance Dual Ended PWM Controller
More results


Similar Description - SC488

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC486 SEMTECH-SC486 Datasheet
369Kb / 26P
Complete DDR1/2/3 Memory Power Supply
SC1486A SEMTECH-SC1486A_06 Datasheet
614Kb / 30P
Complete DDR1/2/3 Power Supply Controller
SC480 SEMTECH-SC480 Datasheet
846Kb / 25P
Complete DDR1/2/3 Memory Power Supply
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
Complete DDR2/3 memory power supply controller
01-Mar-2007
PM6670AS STMICROELECTRONICS-PM6670AS Datasheet
717Kb / 54P
Complete DDR2/3 memory power supplies controller
14-Feb-2008
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
Complete DDR2/3 memory power supply controller
06-Feb-2008
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
Complete DDR2/3 memory power supply
04-Nov-2008
logo
Richtek Technology Corp...
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com