Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKU3554 Datasheet (PDF) - AG Electronica

SKU3554 Datasheet PDF - AG Electronica
Part # SKU3554
Download  SKU3554 Download
File Size   265.89 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description ADAPTADOR DE ENCAPSULADO QFP64, TQFP64, FQFP64, PQFP64 A DIP 64 PINES

SKU3554 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKU3554 Datasheet PDF - AG Electronica

Part # SKU3554
Download  SKU3554 Click to download

File Size   265.89 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description ADAPTADOR DE ENCAPSULADO QFP64, TQFP64, FQFP64, PQFP64 A DIP 64 PINES

SKU3554 Datasheet (HTML) - AG Electronica


SKU3554 Product details

Descripción
Enplas IC & Burn-in Socket, para encapsulados: QFP64, TQFP64, FQFP64, PQFP64




Similar Part No. - SKU3554

ManufacturerPart #DatasheetDescription
logo
AG Electronica
SKU3551 AGELECTRONICA-SKU3551 Datasheet
244Kb / 2P
ADAPTADOR DE ENCAPSULADO QFP48, TQFP48, FQFP48, PQFP48 A DIP 48 PINES
05/02/2021
SKU3552 AGELECTRONICA-SKU3552 Datasheet
265Kb / 2P
ADAPTADOR DE ENCAPSULADO QFP52, TQFP52, FQFP52, PQFP52 A DIP 52 PINES
16/02/21
SKU3555 AGELECTRONICA-SKU3555 Datasheet
248Kb / 2P
ADAPTADOR DE ENCAPSULADO QFP64, TQFP64, FQFP64, PQFP64 A DIP 64 PINES
08/02/2021
SKU3556 AGELECTRONICA-SKU3556 Datasheet
256Kb / 2P
ADAPTADOR DE ENCAPSULADO QFP64, TQFP64,FQFP64, PQFP64 A DIP 64 PINES
22/01/2021
SKU3558 AGELECTRONICA-SKU3558 Datasheet
234Kb / 2P
ADAPTADOR DE ENCAPSULADO QFP80, TQFP80, FQFP80, PQFP80
05/02/2021
More results


Similar Description - SKU3554

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS755 ZMD-MDS755 Datasheet
53Kb / 1P
Package PQFP64
MDS742 ZMD-MDS742 Datasheet
153Kb / 1P
Package PQFP64
logo
Hammond Manufacturing L...
14QR HAMMOND-14QR Datasheet
51Kb / 1P
Attache de montage a declenchement rapide pour bo챤tes de jonction
1584H HAMMOND-1584H Datasheet
77Kb / 2P
Barres d alimentation de qualit챕 m챕dicale de 15 A
GRDKIT HAMMOND-GRDKIT Datasheet
71Kb / 1P
Ensembles de fils de mise a la terre
MPC HAMMOND-MPC Datasheet
60Kb / 1P
Plaque de recouvrement a aimant
SDA HAMMOND-SDA Datasheet
68Kb / 1P
Ensemble de bouchon de mise a lair libre
logo
ATMEL Corporation
RC064M-10 ATMEL-RC064M-10 Datasheet
43Kb / 1P
for TQFP64 socket
logo
Toshiba Semiconductor
8895CSNG7DN5 TOSHIBA-8895CSNG7DN5 Datasheet
233Kb / 1P
8895CSNG7DN5 / Toshiba / 64 Pin DIP Package
logo
Advanced Photonix, Inc.
NSL-32SR2 ADVANCEDPHOTONIX-NSL-32SR2 Datasheet
402Kb / 2P
Optoacoplador, Salida de Fotocelula / LDR, Axial, 4 Pines, 25 mA, 2 kV
REV 12-02-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com