Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZT12 Datasheet (PDF) - Ashcroft, Inc.

ZT12 Datasheet PDF - Ashcroft, Inc.
Part # ZT12
Download  ZT12 Download
File Size   697.16 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description ZT12 High Purity Transmitter

ZT12 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZT12 Datasheet PDF - Ashcroft, Inc.

Part # ZT12
Download  ZT12 Click to download

File Size   697.16 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description ZT12 High Purity Transmitter

ZT12 Datasheet (HTML) - Ashcroft, Inc.


ZT12 Product details

FEATURES
316L Stainless steel wetted parts
7 μin Ra Surface finish option
9⁄16 -18 UNF Male/Female fixed, swivel and flow through process connections (compatible with ¼ VCR® fitting)
100% Helium leak tested
Class 100 cleanroom packaged and double bagged
Available in Gauge and Compound ranges




Similar Part No. - ZT12

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZT120LACM1R MSPI-ZT120LACM1R Datasheet
132Kb / 1P
Frequency 3900 짹 500 Hz
ZT120LACM1R15 MSPI-ZT120LACM1R15 Datasheet
132Kb / 1P
Frequency 3900 짹 500 Hz
ZT120LACM1R30 MSPI-ZT120LACM1R30 Datasheet
132Kb / 1P
Frequency 3900 짹 500 Hz
ZT120LACTB MSPI-ZT120LACTB Datasheet
132Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZT120LACTB15 MSPI-ZT120LACTB15 Datasheet
132Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
More results


Similar Description - ZT12

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0201YJ4R7PAWTR AVX-0201YJ4R7PAWTR Datasheet
217Kb / 19P
High purity of electrodes for very low and repeatable
logo
Mercury United Electron...
HSR57 MERCURY-HSR57 Datasheet
323Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications .
logo
List of Unclassifed Man...
SLQ-QT105 ETC2-SLQ-QT105 Datasheet
144Kb / 6P
High Purity Milliliter Flow Meter for Hydrocarbons
SLQ-QT500 ETC2-SLQ-QT500 Datasheet
580Kb / 7P
High Purity Flow Meter
logo
Sangdest Microelectroni...
40CPQ015 SMC-40CPQ015 Datasheet
129Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBR2535 SMC-MBR2535 Datasheet
204Kb / 6P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBRB10200CT SMC-MBRB10200CT Datasheet
262Kb / 7P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
303DMQ600 SMC-303DMQ600 Datasheet
174Kb / 3P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
400CMQ SMC-400CMQ Datasheet
210Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com