Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600G Datasheet (PDF) - Diotec Semiconductor

P600G Datasheet PDF - Diotec Semiconductor
Part # P600G
Download  P600G Download
File Size   63.01 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Rectifiers - Si-Gleichrichter

P600G Datasheet (PDF)

Go To PDF Page Download Datasheet
P600G Datasheet PDF - Diotec Semiconductor

Part # P600G
Download  P600G Click to download

File Size   63.01 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Rectifiers - Si-Gleichrichter

P600G Datasheet (HTML) - Diotec Semiconductor


P600G Product details

Si-Rectifiers

• Nominal Current                                      6 A
• Repetitive peak reverse voltage 50...1200 V
• Plastic case                           Ø 8 x 7.5 [mm]
• Weight approx.                                      1.3 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - P600G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600G PANJIT-P600G Datasheet
50Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Transys Electronics
P600G TRSYS-P600G Datasheet
144Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
P600G WTE-P600G Datasheet
36Kb / 3P
6.0A SILICON RECTIFIER
logo
Semtech Corporation
P600G SEMTECH-P600G Datasheet
127Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Dc Components
P600G DCCOM-P600G Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Similar Description - P600G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYW27-50 DIOTEC-BYW27-50_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
1N5400 DIOTEC-1N5400_07 Datasheet
61Kb / 2P
Si-Rectifiers - Si-Gleichrichter
1N5400K DIOTEC-1N5400K_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY550-50 DIOTEC-BY550-50_07 Datasheet
62Kb / 2P
Si-Rectifiers -Si-Gleichrichter
BY500-50 DIOTEC-BY500-50_07 Datasheet
58Kb / 2P
Fast Si-Rectifiers -Schnelle Si-Gleichrichter
BY396 DIOTEC-BY396_07 Datasheet
58Kb / 2P
Fast Si-Rectifiers - Schnelle Si-Gleichrichter
BY296 DIOTEC-BY296_07 Datasheet
57Kb / 2P
Fast Si-Rectifiers - Schnelle Si-Gleichrichter
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY133 DIOTEC-BY133_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
UF600A DIOTEC-UF600A_07 Datasheet
62Kb / 2P
Ultrafast Switching Si-Rectifiers - Ultraschnelle Si-Gleichrichter
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com