Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1952241 Datasheet (PDF) - PHOENIX CONTACT

1952241 Datasheet PDF - PHOENIX CONTACT
Part # 1952241
Download  1952241 Download
File Size   437.95 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/10-G1-3,5 RNP26THR - PCB header

1952241 Datasheet (PDF)

Go To PDF Page Download Datasheet
1952241 Datasheet PDF - PHOENIX CONTACT

Part # 1952241
Download  1952241 Click to download

File Size   437.95 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/10-G1-3,5 RNP26THR - PCB header

1952241 Datasheet (HTML) - PHOENIX CONTACT


1952241 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 20, number
of rows: 2, number of positions: 10, number of connections: 20, product range: MCDNV 1,5/..-
G1-RN-THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear
pinning, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system:
COMBICON FMC 1,5 - MCDN 1,5, Pin connector pattern alignment: Standard, locking: Snap-in
locking, mounting: Engagement nose, type of packaging: packed in cardboard, Article with
engagement nose. The pin length is 2.6 mm. User information and design recommendations on
Through Hole Reflow Technology can be found at: "Downloads"

Your advantages
• Designed for integration into the SMT soldering process
• Intuitive locking mechanism prevents accidental disconnection
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1952241

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1952200000 WEIDMULLER-1952200000 Datasheet
461Kb / 4P
SL 5.00/04/90B 3.2SN BK BX
logo
PHOENIX CONTACT
1952209 PHOENIX-1952209 Datasheet
997Kb / 24P
FMC 1,5/20-ST-3,5-RF - Printed-circuit board connector
1952238 PHOENIX-1952238 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 9-G1-3,5 RNP26THR
1952254 PHOENIX-1952254 Datasheet
482Kb / 12P
MCDNV 1,5/11-G1-3,5 RNP26THR - PCB header
1952267 PHOENIX-1952267 Datasheet
1Mb / 21P
Printed-circuit board connector - FMC 1,5/ 2-ST-3,5
Jan 3, 2023
More results


Similar Description - 1952241

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952487 PHOENIX-1952487 Datasheet
150Kb / 7P
Feed-through header - MCDNV 1,5/ 5-G1-3,5 RNP26THR
1952775 PHOENIX-1952775 Datasheet
142Kb / 7P
Feed-through header - MCDNV 1,5/20-G1-3,5 RNP26THR
1952762 PHOENIX-1952762 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/19-G1-3,5 RNP26THR
1952717 PHOENIX-1952717 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/14-G1-3,5 RNP26THR
1952694 PHOENIX-1952694 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/12-G1-3,5 RNP26THR
1952238 PHOENIX-1952238 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 9-G1-3,5 RNP26THR
1952461 PHOENIX-1952461 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 3-G1-3,5 RNP26THR
1952490 PHOENIX-1952490 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 6-G1-3,5 RNP26THR
1952458 PHOENIX-1952458 Datasheet
479Kb / 11P
MCDNV 1,5/ 2-G1-3,5 RNP26THR - PCB header
1952720 PHOENIX-1952720 Datasheet
468Kb / 11P
MCDNV 1,5/15-G1-3,5 RNP26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com