Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1613717 Datasheet (PDF) - PHOENIX CONTACT

1613717 Datasheet PDF - PHOENIX CONTACT
Part # 1613717
Download  1613717 Download
File Size   292.1 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-16P1N8A80DU - Cable connector

1613717 Datasheet (PDF)

Go To PDF Page Download Datasheet
1613717 Datasheet PDF - PHOENIX CONTACT

Part # 1613717
Download  1613717 Click to download

File Size   292.1 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-16P1N8A80DU - Cable connector

1613717 Datasheet (HTML) - PHOENIX CONTACT


1613717 Product details

Cable connector, straight, Screw locking mechanism, M23, number of positions: 16, contact
connection type: Pin, shielded: yes, cable diameter range: 5 mm ... 13.2 mm, number of
positions: 16, connection method: Crimp connection, series: RF, Alternative product in
accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1242812




Similar Part No. - 1613717

ManufacturerPart #DatasheetDescription
logo
Heyco.
16137 HEYCO-16137 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
PHOENIX CONTACT
1613725 PHOENIX-1613725 Datasheet
299Kb / 7P
RF-16S1N8A8002 - Cable connector
1613740 PHOENIX-1613740 Datasheet
324Kb / 7P
RF-17S1N8AWV00 - Device connector front mounting
1613757 PHOENIX-1613757 Datasheet
292Kb / 6P
RF-16P1N8A9002 - Coupler connector
1613766 PHOENIX-1613766 Datasheet
376Kb / 8P
RF-16P1N8AWA00 - Device connector front mounting
More results


Similar Description - 1613717

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
UMCP-8020005 HARWIN-UMCP-8020005 Datasheet
123Kb / 1P
RF CONNECTOR CABLE PLUG
logo
PHOENIX CONTACT
1607276 PHOENIX-1607276 Datasheet
426Kb / 11P
RF-12S1N8A80DU - Cable connector
1607297 PHOENIX-1607297 Datasheet
426Kb / 11P
RF-12S2N8A80DU - Cable connector
1607228 PHOENIX-1607228 Datasheet
402Kb / 10P
RF-12P1N8A80DU - Cable connector
1607252 PHOENIX-1607252 Datasheet
402Kb / 10P
RF-12P2N8A80DU - Cable connector
1607225 PHOENIX-1607225 Datasheet
403Kb / 10P
RF-12P1N8A8002 - Cable connector
1607275 PHOENIX-1607275 Datasheet
428Kb / 11P
RF-12S1N8A8003 - Cable connector
1607331 PHOENIX-1607331 Datasheet
405Kb / 10P
RF-17P2N8A80DU - Cable connector
1607340 PHOENIX-1607340 Datasheet
434Kb / 12P
RF-17S1N8A80DU - Cable connector
1615068 PHOENIX-1615068 Datasheet
317Kb / 9P
RF-12S2N8A8VDU - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com