Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTPSM81033VCDR Datasheet (PDF) - Texas Instruments

XTPSM81033VCDR Datasheet PDF - Texas Instruments
Part # XTPSM81033VCDR
Download  XTPSM81033VCDR Download
File Size   5864.51 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function

XTPSM81033VCDR Datasheet (PDF)

Go To PDF Page Download Datasheet
XTPSM81033VCDR Datasheet PDF - Texas Instruments

Part # XTPSM81033VCDR
Download  XTPSM81033VCDR Click to download

File Size   5864.51 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function

XTPSM81033VCDR Datasheet (HTML) - Texas Instruments


XTPSM81033VCDR Product details

1 Features
• Input voltage range: 1.8V to 5.5V
• Output voltage range: 2.2V to 5.5V
– FB connected to AVIN pin for fixed 5.0V output
• 2A valley switching current limit
• Integreted 0.43μH power inductor
• Excellent thermal performance:
– < 10°C temperature rise at VIN = 3.6V, VOUT =
5V, IOUT = 1A, and TA=25°C
• High efficiency and high power capability
– Two 22mΩ (LS) / 46mΩ (HS) MOSFETs
– > 93% efficiency at VIN = 3.6V, VOUT = 5V, and
IOUT = 1A
• Optimized load regulation with internal resistor
divider (fixed 5.0V output voltage).
• 2.4MHz switching frequency
• Typical 20μA quiescent current into AVIN pin
• ±1.5% Reference voltage accuracy over –40°C to
+125°C
• Power good output with window comparator
• Pin-selectable auto PFM or forced PWM at light
load
• Pass-through mode when VIN > VOUT
• Safety and robust operation features
– True disconnection between input and output
during shutdown
– Output overvoltage, thermal shutdown
protection and output short-circuit protection
• 2.6mm × 2.5mm QFN-FCMOD 9-Pin package

2 Applications
• Optical module
• Patient monitor
• Smart meter

3 Description
The TPSM81033 is a synchronous boost module. The
device provides a power supply solution for portable
equipment and smart devices powered by batteries
and other power supply. The TPSM81033 has 2A
(typical) valley switch current limit. The power module
uses TI's MagPack packaging technology to integrate
a synchronous boost converter and an inductor to
simplify design, reduce external components, and
save PCB area.
The TPSM81033 uses adaptive constant on-time
valley-current-control topology to regulate the output
voltage and operates at 2.4MHz switching frequency.
There are two optional modes at light load by
configuring the MODE pin: auto PFM mode and
forced PWM to balance the efficiency and noise
immunity in light load. The TPSM81033 consumes
a 20μA quiescent current from AVIN at light load
condition. During shutdown, the TPSM81033 is
completely disconnected from the input power and
only consumes a 0.1μA current to achieve long
battery life. The TPSM81033 has 5.75V output
overvoltage protection, output short circuit protection,
and thermal shutdown protection. The TPSM81033
offers a very small solution size with 2.6mm × 2.5mm
QFN-FCMOD (9) package and minimum amount of
external components.




Similar Part No. - XTPSM81033VCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTPSM81033VCDR TI1-XTPSM81033VCDR Datasheet
769Kb / 17P
TPSM81033 5.5V, 5.5A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
JULY 2024
More results


Similar Description - XTPSM81033VCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Microchip Technology
MCP16321 MICROCHIP-MCP16321_13 Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
Monolithic Power System...
MP62040-1 MPS-MP62040-1 Datasheet
372Kb / 8P
1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
logo
Richtek Technology Corp...
RT8130C RICHTEK-RT8130C Datasheet
257Kb / 18P
Power Good Indicator
logo
Monolithic Power System...
MP9942 MPS-MP9942 Datasheet
735Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
MP9942A MPS-MP9942A Datasheet
787Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
logo
Microchip Technology
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
logo
MPS Industries, Inc.
MP2172C MPSIND-MP2172C Datasheet
532Kb / 18P
5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
Rev.1.0 4/22/2019
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com