Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RST2016HC Datasheet (PDF) - Rakon Limited

RST2016HC Datasheet PDF - Rakon Limited
Part # RST2016HC
Download  RST2016HC Download
File Size   385.8 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description High Temperature SMD TCXO/VCTCXO | Automotive and Communications

RST2016HC Datasheet (PDF)

Go To PDF Page Download Datasheet
RST2016HC Datasheet PDF - Rakon Limited

Part # RST2016HC
Download  RST2016HC Click to download

File Size   385.8 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description High Temperature SMD TCXO/VCTCXO | Automotive and Communications

RST2016HC Datasheet (HTML) - Rakon Limited


RST2016HC Product details

Features
 High-end operating temperature up to 105°C
 Excellent phase noise performance
 Output: CMOS

Applications
 Automotive
 Communications
 Consumer devices
 Wi-Fi




Similar Part No. - RST2016HC

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RST2016H RAKON-RST2016H Datasheet
354Kb / 2P
HIGH TEMPERATURE SMD TCXO/VCTCXO | AUTOMOTIVE AND COMMUNICATIONS
15 September 2022
More results


Similar Description - RST2016HC

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
3.0V SMD TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
High Precision TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
Nel Frequency Controls,...
AN-XA32CXXX-X NEL-AN-XA32CXXX-X Datasheet
161Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
AN-XC2XXXX-X NEL-AN-XC2XXXX-X Datasheet
162Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Fox Electronics
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
3.0V Ultra Miniature SMD TCXO/VCTCXO
logo
TEMEX
RIT3225B TEMEX-RIT3225B Datasheet
510Kb / 2P
HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com