Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RST2016AL Datasheet (PDF) - Rakon Limited

RST2016AL Datasheet PDF - Rakon Limited
Part # RST2016AL
Download  RST2016AL Download
File Size   294.05 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH STABILITY SMD 1.2V TCXO | SMART GRIDS AND METERS

RST2016AL Datasheet (PDF)

Go To PDF Page Download Datasheet
RST2016AL Datasheet PDF - Rakon Limited

Part # RST2016AL
Download  RST2016AL Click to download

File Size   294.05 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH STABILITY SMD 1.2V TCXO | SMART GRIDS AND METERS

RST2016AL Datasheet (HTML) - Rakon Limited


RST2016AL Product details

Features
 Low supply voltage 1.2 V
 Power down mode
 High temperature stability of ±0.5 ppm over wide temperature ranges

Applications
 Wireless modules
 Communications
 GNSS
 IoT and consumer devices




Similar Part No. - RST2016AL

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RST2016A RAKON-RST2016A Datasheet
715Kb / 2P
HIGH STABILITY SMD TCXO/VCTCXO | GNSS AND COMMUNICATIONS
28 July 2022
More results


Similar Description - RST2016AL

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TCO-5060 EPSONTOYOCOM-TCO-5060 Datasheet
332Kb / 2P
TCXO HIGH-STABILITY
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L_15 Datasheet
1Mb / 13P
Smart meters
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2016SBN SII-TG2016SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2520SBN SII-TG2520SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG3225CEN SII-TG3225CEN Datasheet
725Kb / 2P
TCXO/VC-TCXO HIGH STABILITY, CMOS OUTPUT
logo
TEMEX
RIT2016C TEMEX-RIT2016C Datasheet
619Kb / 2P
HIGH STABILITY SMD 1.2V TCXO SMART GRIDS AND METERS
RIT3225B TEMEX-RIT3225B Datasheet
510Kb / 2P
HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
logo
Epson Company
TG5032CCN EPSON-TG5032CCN Datasheet
680Kb / 2P
TCXO / VC-TCXO ULTRA HIGH STABILITY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com