Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C91 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZX85C91 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZX85C91
Download  BZX85C91 Download
File Size   150.36 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation

BZX85C91 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX85C91 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZX85C91
Download  BZX85C91 Click to download

File Size   150.36 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation

BZX85C91 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BZX85C91 Product details

Features
◇ Silicon Planar Power Zener Diodes
◇ For use in stabilizing and clipping circuits with high power rating
◇ The Zener voltages are graded according to the international E24 standard. Replace suffix “C”




Similar Part No. - BZX85C91

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX85C91 EIC-BZX85C91 Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C91 GOOD-ARK-BZX85C91 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
BZX85C91 VISHAY-BZX85C91 Datasheet
158Kb / 7P
Zener Diodes
31-May-07
logo
Tak Cheong Electronics ...
BZX85C91 TAK_CHEONG-BZX85C91 Datasheet
128Kb / 4P
1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
BZX85C91 SEMTECH_ELEC-BZX85C91 Datasheet
254Kb / 3P
SILICON PLANAR POWER ZENER DIODES
More results


Similar Description - BZX85C91

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX84C2V4 TSC-BZX84C2V4 Datasheet
71Kb / 3P
Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
logo
Rectron Semiconductor
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com