Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C51 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZX84C51 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZX84C51
Download  BZX84C51 Download
File Size   71.39 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation

BZX84C51 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C51 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZX84C51
Download  BZX84C51 Click to download

File Size   71.39 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation

BZX84C51 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BZX84C51 Product details

FEATURES

- Zener voltages from : 2.4V - 39V

- Planar die construction

- Ideally suited for automated assembly processes

- Moisture sensitivity : Level 1 per J-STD-020



 




Similar Part No. - BZX84C51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C51 VISHAY-BZX84C51 Datasheet
70Kb / 5P
350 mW Surface Mount Zener Diodes
01-Apr-99
logo
Jinan Gude Electronic D...
BZX84C51 JGD-BZX84C51 Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Shanghai Lunsure Electr...
BZX84C51 CHENYI-BZX84C51 Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Diodes Incorporated
BZX84C51 DIODES-BZX84C51 Datasheet
55Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 1 - 2
logo
Jiangsu Changjiang Elec...
BZX84C51 JIANGSU-BZX84C51 Datasheet
134Kb / 3P
Plastic-Encapsulate Diode
More results


Similar Description - BZX84C51

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Taiwan Semiconductor Co...
BZX85C TSC-BZX85C Datasheet
150Kb / 5P
Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
logo
Shenzhen Luguang Electr...
5KP350A LUGUANG-5KP350A Datasheet
425Kb / 4P
TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP210A LUGUANG-5KP210A Datasheet
425Kb / 4P
TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
500 mW Zener Diode 2.4 to 51 Volts
logo
Rectron Semiconductor
SD05C RECTRON-SD05C Datasheet
426Kb / 6P
VOLTAGE RANGE 5 Volts POWER RATING 350 Watts
logo
Lite-On Technology Corp...
L05ESDL5V0NA-4 LITEON-L05ESDL5V0NA-4 Datasheet
259Kb / 7P
ESD PROTECTION DEVICE STAND-OFF VOLTAGE - 5.0 Volts POWER DISSIPATION - 50 Watts
REV. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com