Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6M Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

S6M Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # S6M
Download  S6M Download
File Size   52.35 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 6.0 AMPS. Surface Mount Rectifiers

S6M Datasheet (PDF)

Go To PDF Page Download Datasheet
S6M Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # S6M
Download  S6M Click to download

File Size   52.35 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 6.0 AMPS. Surface Mount Rectifiers

S6M Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


S6M Product details

Voltage Range 50 to 1000 Volts Current 6.0Amperes
   
Features
◇ For surface mounted application
◇ Glass passivated junction chip.
◇ Low forward voltage drop
◇ High current capability
◇ Easy pick and place
◇ High surge current capability
◇ Plastic material used carries Underwriters
    Laboratory Classification 94V-O
◇ High temperature soldering:
◇ 260°C / 10 seconds at terminals   




Similar Part No. - S6M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S6M MCC-S6M Datasheet
346Kb / 3P
6 Amp Silicon Rectifier 50 to 1000 Volts
logo
Semtech Corporation
S6M SEMTECH-S6M Datasheet
143Kb / 3P
RECTIFIER, up to 1kV, 2A, 2關s
logo
Micro Commercial Compon...
S6M MCC-S6M Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S6M FORMOSA-S6M Datasheet
119Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Thinki Semiconductor Co...
S6M THINKISEMI-S6M Datasheet
655Kb / 2P
6.0 Ampere Surface Mount Glass Passivated General Purpose Rectifier
More results


Similar Description - S6M

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05 Datasheet
68Kb / 2P
6.0 AMPS. Silicon Rectifiers
6A05 TSC-6A05_1 Datasheet
243Kb / 2P
6.0 AMPS. Silicon Rectifiers
P600A TSC-P600A Datasheet
66Kb / 2P
6.0 AMPS Silicon Rectifiers
P600A TSC-P600A_1 Datasheet
244Kb / 2P
6.0 AMPS Silicon Rectifiers
TS750 TSC-TS750 Datasheet
66Kb / 2P
6.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
6A05 YANGJIE-6A05 Datasheet
55Kb / 2P
6.0 AMPS. SILICON RECTIFIERS
P600A-P6A05 YANGJIE-P600A-P6A05 Datasheet
854Kb / 2P
6.0 AMPS. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05_10 Datasheet
509Kb / 2P
6.0 AMPS. Silicon Rectifiers
logo
New Jersey Semi-Conduct...
6A05 NJSEMI-6A05 Datasheet
74Kb / 1P
6.0 AMPS. Silicon Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com