Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEPBGA-3 Datasheet (PDF) - Amkor Technology

TEPBGA-3 Datasheet PDF - Amkor Technology
Part # TEPBGA-3
Download  TEPBGA-3 Download
File Size   790.66 Kbytes
Page   3 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor’s PBGA/TEPBGA packages incorporate the most advanced assembly processes and designs for cost/performance applications.

TEPBGA-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEPBGA-3 Datasheet PDF - Amkor Technology

Part # TEPBGA-3
Download  TEPBGA-3 Click to download

File Size   790.66 Kbytes
Page   3 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor’s PBGA/TEPBGA packages incorporate the most advanced assembly processes and designs for cost/performance applications.

TEPBGA-3 Datasheet (HTML) - Amkor Technology


TEPBGA-3 Product details

Features
Innovative designs and expanding package offerings provide a platform from prototype-to-production.
Custom ball counts up to 1521
1.00, 1.27 & 1.50 mm standard ball pitch available (other ball pitches available upon request, e.g. 0.8 mm)
17 to 40 mm body sizes
Thin Au wire or Cu wire compatible
Chip-on-Chip (CoC)
Large mold cap for quality enhancement
Low profile and lightweight
Thermal and electrical enhancement capable
Highly flexible internal routing of signal, power and ground for device performance and system compatibility
HDI designs possible
Suitable substrate for multi-die (MCM) and integrated SMT structures
Mature strip based manufacturing process with high yields
Full in-house design capability
Quickest design-to-prototype delivery
Perimeter, stagger and full ball arrays
Special packaging for memory available
Multi-layer, ground/power
JEDEC MS-034 standard outlines
Excellent reliability
63 Sn/37 Pb eutectic or Pb-free solder balls

Applications
The integrated design features of Amkor’s PBGAs offer enhanced performance in many devices, making this the ideal package for: microprocessors, microcontrollers, ASICs, gate arrays, memory, DSPs, PLDs, graphics and PC chip sets.
Applications requiring improved portability, form-factor/size and high-performance such as cellular, wireless telecommunications, PCMCIA cards, Global Positioning Systems (GPS), laptop PCs, netbooks, video cameras, disc drives and similar products benefit from Amkor’s PBGA attributes.




Similar Part No. - TEPBGA-3

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
TEP EXXELIA-TEP Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
logo
TRACO Electronic AG
TEP-100 TRACOPOWER-TEP-100 Datasheet
1Mb / 5P
TEP 100 Series, 100 Watt
Rev. November 30, 2022
TEP-100CMF TRACOPOWER-TEP-100CMF Datasheet
1Mb / 5P
TEP 100CMF Series, 100 Watt
Rev. March 16, 2023
TEP-100UIR TRACOPOWER-TEP-100UIR Datasheet
967Kb / 6P
TEP 100UIR Series, 100 Watt
Rev. November 30, 2022
TEP-100WIR TRACOPOWER-TEP-100WIR Datasheet
1Mb / 5P
TEP 100WIR Series, 100 Watt
Rev. November 30, 2022
More results


Similar Description - TEPBGA-3

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29DL320G SPANSION-AM29DL320G Datasheet
1Mb / 58P
For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
logo
Advanced Crystal Techno...
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
one of the most cost effective and popular surface mount crystals available.
29/06/11
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
Suitable for most types of soldering processes
logo
Pan Jit International I...
MMSZ4690TS PANJIT-MMSZ4690TS Datasheet
126Kb / 5P
Ideally Suited for Automated Assembly Processes
logo
List of Unclassifed Man...
AOC-CTG-I2T ETC2-AOC-CTG-I2T Datasheet
544Kb / 1P
The Most Advanced Ethernet Adapter for High-Density Server Systems
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
Highest quality for the most demanding applications
logo
MKS Instruments.
VISION2000-C MKS-VISION2000-C Datasheet
378Kb / 4P
RGA FOR CVD AND ETCH PROCESSES
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
The best performance, the most colors
20210816
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
The first & most popular patented high-performance design
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com