Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP50 Datasheet (PDF) - Power Innovations Ltd

TIP50 Datasheet PDF - Power Innovations Ltd
Part # TIP50
Download  TIP50 Download

File Size   119.49 Kbytes
Page   7 Pages
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd
Description NPN SILICON POWER TRANSISTORS

TIP50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP50 Datasheet PDF - Power Innovations Ltd

Part # TIP50
Download  TIP50 Click to download

File Size   119.49 Kbytes
Page   7 Pages
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd
Description NPN SILICON POWER TRANSISTORS

TIP50 Datasheet (HTML) - Power Innovations Ltd

TIP50 Datasheet HTML 1Page - Power Innovations Ltd TIP50 Datasheet HTML 2Page - Power Innovations Ltd TIP50 Datasheet HTML 3Page - Power Innovations Ltd TIP50 Datasheet HTML 4Page - Power Innovations Ltd TIP50 Datasheet HTML 5Page - Power Innovations Ltd TIP50 Datasheet HTML 6Page - Power Innovations Ltd TIP50 Datasheet HTML 7Page - Power Innovations Ltd

TIP50 Product details

NPN SILICON POWER TRANSISTORS

● 40 W at 25°C Case Temperature
● 1 A Continuous Collector Current
● 2 A Peak Collector Current
● 20 mJ Reverse-Energy Rating




Similar Part No. - TIP50

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
   POWER TRANSISTORS(1.0A,250-400V,40W)
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
logo
Fairchild Semiconductor
TIP50 FAIRCHILD-TIP50 Datasheet
486Kb / 5P
   High Voltage and Switching Applications
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
More results


Similar Description - TIP50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com