Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K303 Datasheet (PDF) - KG Technologies, Inc.

K303 Datasheet PDF - KG Technologies, Inc.
Part # K303
Download  K303 Download
File Size   243.36 Kbytes
Page   3 Pages
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.
Description World Class Switching Solutions for Energy Management

K303 Datasheet (PDF)

Go To PDF Page Download Datasheet
K303 Datasheet PDF - KG Technologies, Inc.

Part # K303
Download  K303 Click to download

File Size   243.36 Kbytes
Page   3 Pages
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.
Description World Class Switching Solutions for Energy Management

K303 Datasheet (HTML) - KG Technologies, Inc.


K303 Product details

Application Notes
Dual Coil – Positive Polarity: Place a negative connection on T2. Then apply a 50ms positive pulse to T1 to open the contacts or
to T3 to close the contacts.
Dual Coil – Negative Polarity: Place a positive connection on T2. Then apply a 50ms negative pulse to T3 to open the contacts or
to T1 to close the contacts.
Single Coil: Place a negative connection on T1. Then apply a 50ms positive pulse to T3 to close the contacts. Reversing polarity will open
the contacts.

Additional Application Notes
1: It is possible that during transit or final assembly the relay could change state. Therefore, it is recommended that all relays be set to
the desired state via a power supply.
2: In order to maintain an “Open” or “Closed” state of the relay, the coil voltage should reach the rated voltage. The pulse width should
be 50ms minimum to ensure a proper change of state. DO NOT energize both T1 and T3 at the same time on a Dual Coil or energize
the coil for longer than 1 minute (damage to the coil could incur).
3: Relays without flex-wire cannot be tin-soldered. Moving or bending the terminals could cause damage to the internal structure of
the relay.
4: For definitions of terms used in this data sheet, see glossary at www.kgtechnologies.net.




Similar Part No. - K303

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3036P VISHAY-K3036P Datasheet
196Kb / 10P
Optocoupler, Phototriac Output, 400 V VDRM
26-Oct-04
K3036P VISHAY-K3036P Datasheet
117Kb / 5P
Optocoupler, Phototriac Output, 400 VDRM
09-Mar-10
K3036PG VISHAY-K3036PG Datasheet
196Kb / 10P
Optocoupler, Phototriac Output, 400 V VDRM
26-Oct-04
K3036PG VISHAY-K3036PG Datasheet
117Kb / 5P
Optocoupler, Phototriac Output, 400 VDRM
09-Mar-10
More results


Similar Description - K303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
Energy Management Energy Analyzer
logo
Silicon Laboratories
AMS001-E03 SILABS-AMS001-E03 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
World most energy efficient temperature sensor
logo
Carlo Gavazzi Holding A...
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
Energy Management Energy Transducer Type ET340
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
Energy Management Energy Meter Type EM340
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
Energy Management Energy Analyzer Type EM111
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
Energy Management Energy Meter Type EM110
logo
WAGO Kontakttechnik Gmb...
750-8202-000-022 WAGO-750-8202-000-022 Datasheet
755Kb / 11P
Controller PFC200; Application for energy data management
logo
NARADA POWER SOURCE CO....
NPFC NARADA-NPFC Datasheet
1Mb / 2P
stored energy solutions for a demanding world
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com