Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL4007G Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

LL4007G Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # LL4007G
Download  LL4007G Download
File Size   78.26 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers

LL4007G Datasheet (PDF)

Go To PDF Page Download Datasheet
LL4007G Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # LL4007G
Download  LL4007G Click to download

File Size   78.26 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers

LL4007G Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


LL4007G Product details

Voltage Range 50 to 1000 Volts

Current 1.0 Ampere



Features

Plastic package has carries underwriters

    Laboratory flammability classification 94V-0

Surge overload rating to 30 Ampers peak

Ideal for printed circuit board.

Reliable low cost construction utilizing molded plastic technique results in in expensive product.

High temperature soldering guaranteed: 250°C / 10 seconds at terminals.



Mechanical Data

Solderability per MIL-STD-750, method 208 at terminals.

Mounting position: Any

Weight: 0.12 gram




Similar Part No. - LL4007G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL4007G ETC-LL4007G Datasheet
52Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LL4007G SEMTECH_ELEC-LL4007G Datasheet
409Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
RFE international
LL4007G RFE-LL4007G Datasheet
123Kb / 1P
SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
logo
Shenzhen Luguang Electr...
LL4007G LUGUANG-LL4007G Datasheet
208Kb / 2P
1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
logo
Taiwan Semiconductor Co...
LL4007G TSC-LL4007G Datasheet
221Kb / 4P
Surface Mount Glass Plassivated Silicon Rectifiers
More results


Similar Description - LL4007G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
List of Unclassifed Man...
LL4001G ETC-LL4001G Datasheet
52Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
LL4933G TSC-LL4933G Datasheet
67Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
WILLAS ELECTRONIC CORP
MD1F WILLAS-MD1F Datasheet
450Kb / 2P
1.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
1A1GU DYELEC-1A1GU Datasheet
652Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
1N4001GT DYELEC-1N4001GT Datasheet
834Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
S1A DYELEC-S1A Datasheet
1Mb / 2P
1.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
S1AU DYELEC-S1AU Datasheet
1Mb / 2P
1.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com