Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM7065 Datasheet (PDF) - PMC-Sierra, Inc

RM7065 Datasheet PDF - PMC-Sierra, Inc
Part # RM7065
Download  RM7065 Download
File Size   52.2 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 64-Bit MIPS RISC Microprocessor with Integrated L2 Cache

RM7065 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM7065 Datasheet PDF - PMC-Sierra, Inc

Part # RM7065
Download  RM7065 Click to download

File Size   52.2 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 64-Bit MIPS RISC Microprocessor with Integrated L2 Cache

RM7065 Datasheet (HTML) - PMC-Sierra, Inc


RM7065 Product details

Description
PMC-Sierra’s RM7065A is a highly integrated symmetric superscalar microprocessor capable of issuing two instructions each processor cycle. It has two high-performance 64-bit integer units as well as a high-throughput, fully pipelined 64-bit floating point unit.

Features
• Dual issue symmetric superscalar microprocessor with instruction prefetch optimized for system level price/performance
   • 300, 350 MHz operating frequency
   • >525 Dhrystone 2.1 MIPS @ 350 MHz
• High-performance system interface
   • 1000 MB per second peak throughput
   • 125 MHz max. freq., multiplexed address/data
   • Supports two outstanding reads with out-of-order return
   • Processor clock multipliers 2, 2.5, 3, 3.5, 4, 4.5, 5, 6, 7, 8, 9
• Integrated primary and secondary caches
   • All are 4-way set associative with 32 byte line size
   • 16 KB instruction, 16 KB data, 256 KB on-chip secondary
   • Per line cache locking in primaries and secondary
   • Fast Packet Cache™ increases system efficiency in networking applications
• High-performance floating-point unit — 800 MFLOPS maximum
   • Single cycle repeat rate for common single-precision operations and some double-precision operations
   • Single cycle repeat rate for single-precision combined multiply-add operations
   • Two cycle repeat rate for double-precision multiply and double-precision combined multiply-add operations
• MIPS IV superset instruction set architecture
   • Data PREFETCH instruction allows the processor to overlap cache miss latency and instruction execution
   • Single-cycle floating-point multiply-add
• Integrated memory management unit
   • Fully associative joint TLB (shared by I and D translations)
   • 64/48 dual entries map 128/96 pages
   • Variable page size
• Embedded application enhancements
   • Specialized DSP integer Multiply-Accumulate instructions, (MAD/MADU) and three-operand multiply instruction (MUL)
   • I&D Test/Break-point (Watch) registers for emulation & debug
   • Performance counter for system and software tuning & debug
   • Fourteen fully prioritized vectored interrupts — 10 external, 2 internal, 2 software
• Fully static CMOS design with dynamic power down logic




Similar Part No. - RM7065

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM7065 PMC-RM7065 Datasheet
776Kb / 52P
RM7065A??Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary
RM7065A PMC-RM7065A Datasheet
776Kb / 52P
RM7065A??Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary
RM7065A PMC-RM7065A Datasheet
38Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-300T PMC-RM7065A-300T Datasheet
776Kb / 52P
RM7065A??Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary
More results


Similar Description - RM7065

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000C PMC-RM7000C Datasheet
37Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
64-Bit RISC Microprocessor
logo
PMC-Sierra, Inc
RM7935 PMC-RM7935 Datasheet
668Kb / 2P
64-bit Microprocessors with Integrated L2 Cache and EJTAG
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
64-Bit RISC Microprocessor
December 5, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com