Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMUX1308-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

NMUX1308-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NMUX1308-Q100
Download  NMUX1308-Q100 Download
File Size   337.01 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1.5 V to 5.5 V, 8-channel analog switch multiplexer and demultiplexer with injection-current control

NMUX1308-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NMUX1308-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NMUX1308-Q100
Download  NMUX1308-Q100 Click to download

File Size   337.01 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1.5 V to 5.5 V, 8-channel analog switch multiplexer and demultiplexer with injection-current control

NMUX1308-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


NMUX1308-Q100 Product details

1. General description
The NMUX1308-Q100 is a general purpose, CMOS, bi-directional, 8 channel analog switch, with
an operating voltage range of 1.5 V to 5.5 V. The NMUX1308-Q100 is dual source compatible with
existing 4851 and 4051 devices. The NMUX1308-Q100 extends the digital logic thresholds to be
compatible with 1.8 V systems without the need for voltage translation.
The analog signal pins are comprised of a common input/output (Z) and eight independent
inputs/outputs (Y0 to Y7). All analog signal pins are bi-directional and support a voltage range from
GND to VCC.
All analog signal pins integrate injection current control circuitry. This control circuitry isolates
overvoltage spikes on disconnected analog signal pins from coupling to the connected analog
signal path, thereby preserving measurement accuracy. Additionally, this integration makes the use
of external overvoltage clamp components (e.g. resistive diode network) unnecessary.
There are four control signal pins (S0, S1, S2, and E). S0, S1, and S2 determine the analog
channels to connect between Z and Yn. E can be used to override S0, S1, and S2, disconnecting
all analog channels.
The control signal pins support 1.8 V logic thresholds across all operating voltages. In addition,
these pins are 5.5 V tolerant, enabling up to 5.5 V operation independent of supply voltage.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• SP8T-Z functionality
• Wide operating range: 1.5 V to 5.5 V
• Rail-to-Rail operation on analog signal pins
• Injection current control
• 1.8 V digital logic thresholds
• Digital pins compatible with 1.8 V logic thresholds across full VCC range
• Removes need for up-translation device for compatibility with low voltage GPIOs
• Ioff circuitry
• Enables wider latitude for power sequencing considerations
• Isolates backflow between supply rail and any biased digital/analog input when VCC = 0 V
• Prevents any biased digital/analog input from backpowering VCC when VCC = 0 V
• Maintains Hi-Z state of analog switch when VCC = 0 V
• 5.5 V overvoltage tolerant digital inputs
• Supports switching of 5.5 V digital signals across full VCC operating range
• Removes need for down-translation when switching thresholds are met
• Pin compatible with industry standard 4051 and 4851 analog switch products
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C2b exceeds 750 V
• DHVQFN package with Side-Wettable Flanks enabling Automated Optical Inspection (AOI) of
solder joints

3. Applications
• Body control module
• Battery management system
• Automotive head unit




Similar Part No. - NMUX1308-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NMUX1309 NEXPERIA-NMUX1309 Datasheet
338Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer and demultiplexer with injection-current control
Rev. 1.4 23 August 2024
NMUX1309-Q100 NEXPERIA-NMUX1309-Q100 Datasheet
339Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer and demultiplexer with injection-current control
Rev. 1.4 23 August 2024
NMUX1309BQ NEXPERIA-NMUX1309BQ Datasheet
338Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer and demultiplexer with injection-current control
Rev. 1.4 23 August 2024
NMUX1309BQ-Q100 NEXPERIA-NMUX1309BQ-Q100 Datasheet
339Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer and demultiplexer with injection-current control
Rev. 1.4 23 August 2024
NMUX1309PW NEXPERIA-NMUX1309PW Datasheet
338Kb / 23P
1.5 V to 5.5 V, dual 4-channel switch analog multiplexer and demultiplexer with injection-current control
Rev. 1.4 23 August 2024
More results


Similar Description - NMUX1308-Q100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HC4851 NEXPERIA-74HC4851 Datasheet
310Kb / 19P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com