Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB900 Datasheet (PDF) - OPTEK Technologies

OPB900 Datasheet PDF - OPTEK Technologies
Part # OPB900
Download  OPB900 Download
File Size   371.88 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series

OPB900 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB900 Datasheet PDF - OPTEK Technologies

Part # OPB900
Download  OPB900 Click to download

File Size   371.88 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series

OPB900 Datasheet (HTML) - OPTEK Technologies


OPB900 Product details

Description:
The OPB900- OPB913series of Photologic® Integrated Circuit Switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.375” (9.5mm) wide slot, a user can specify the type and polarity of the TTL output and the type of shell material.
Electrical output can be specified as either TTL Totem Pole(buffered) or TTL Open Collector, either of which can be supplied with an inverted output polarity.
All versions have the added stability of hysteresis built into the amplification circuitry.

Features:
• 0.375” (9.5 mm) wide gap
• Choice of logical output configurations
• Choice of opaque or IR transmissive housing material
• Choice of PCBoard or 26 AWG, UL rated wire
• Data rates to 250 kBaud

Applications:
• Mechanical switch replacement
• Speed indication (tachometer)
• Mechanical limit indication
• Edge sensing
• Object sensing




Similar Part No. - OPB900

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB900 TTELEC-OPB900 Datasheet
633Kb / 4P
Slotted Optical Switch Wide Gap Series
OPB9000 TTELEC-OPB9000 Datasheet
1Mb / 20P
SMD Reflective Optical Sensor
OPB9000-KIT TTELEC-OPB9000-KIT Datasheet
2Mb / 7P
Reflective Optical Sensor
03/2023
OPB9001 TTELEC-OPB9001 Datasheet
2Mb / 7P
Reflective Optical Sensor
03/2023
OPB90014CB TTELEC-OPB90014CB Datasheet
2Mb / 7P
Reflective Optical Sensor
03/2023
More results


Similar Description - OPB900

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB900W55 ETC2-OPB900W55 Datasheet
378Kb / 4P
Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series OPB900 through OPB913 Series (L, W__Z)
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
logo
TT Electronics.
OPB901L55 TTELEC-OPB901L55 Datasheet
633Kb / 4P
Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
OPB901W55Z TTELEC-OPB901W55Z Datasheet
633Kb / 4P
Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
OPB902W55Z TTELEC-OPB902W55Z Datasheet
633Kb / 4P
Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com