Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251F Datasheet (PDF) - STMicroelectronics

STM32MP251F Datasheet PDF - STMicroelectronics
Part # STM32MP251F
Download  STM32MP251F Download
File Size   16635.68 Kbytes
Page   241 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto

STM32MP251F Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32MP251F Datasheet PDF - STMicroelectronics

Part # STM32MP251F
Download  STM32MP251F Click to download

File Size   16635.68 Kbytes
Page   241 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto

STM32MP251F Datasheet (HTML) - STMicroelectronics


STM32MP251F Product details

Features
■ Includes ST state-of-the-art patented technology.
■ Cores
■ Up to 64-bit dual-core Arm® Cortex®-A35
■ Up to 1.5 GHz
■ 32-Kbyte I + 32-Kbyte D level 1 cache for each core
■ 512-Kbyte unified level 2 cache
■ Arm® NEON™ and Arm® TrustZone®
■ 32-bit Arm® Cortex®-M33 with FPU/MPU
■ Up to 400 MHz
■ L1 16-Kbyte I / 16-Kbyte D
■ Arm® TrustZone®
■ 32-bit Arm® Cortex®-M0+ in SmartRun domain
■ Up to 200 MHz (up to 16 MHz in autonomous mode)
■ Memories
■ External DDR memory up to 4 Gbytes
■ Up to DDR3L-2133 16/32-bit
■ Up to DDR4-2400 16/32-bit
■ Up to LPDDR4-2400 16/32-bit
■ 808-Kbyte internal SRAM: 256-Kbyte AXI SYSRAM, 128-Kbyte AXI video RAM or SYSRAM extension, 256-Kbyte AHB SRAM, 128-Kbyte AHB SRAM with ECC in backup domain, 8-Kbyte SRAM with ECC in backup domain, 32 Kbytes
■ in SmartRun domain
■ Two Octo-SPI memory interfaces
■ Flexible external memory controller with up to 16-bit data bus: parallel interface to connect external ICs, and SLC NAND memories with up to 8-bit ECC
■ Security/safety
■ Secure boot, TrustZone® peripherals, active tamper, environmental monitors,
■ display secure layers, hardware accelerators
■ Complete resource isolation framework
■ Reset and power management
■ 1.71 to 1.95 V and 2.7/3.0 to 3.6 V multiple section I/O supply
■ POR, PDR, PVD, and BOR
■ On-chip LDO and power-switches for RETRAM, BKPSRAM, VSW, and
■ SmartRun domains
■ Dedicated supplies for Cortex®-A35 and GPU/NPU (if present)
■ Internal temperature sensors
■ Low-power modes: Sleep, Stop, and Standby
■ DDR memory retention in Standby mode TFBGA361 (16 × 16 mm) pitch 0.8 mm VFBGA361 (10 × 10 mm) pitch 0.5 mm VFBGA424 (14 × 14 mm) pitch 0.5 mm TFBGA436 (18 × 18 mm) pitch 0.8 mm Product summary STM32MP25xC/F STM32MP251C, STM32MP251F, STM32MP253C, STM32MP253F, STM32MP255C, STM32MP255F, STM32MP257C, STM32MP257F Arm® based dual Cortex®-A35 1.5 GHz + Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F Datasheet DS14284 - Rev 3 - October 2024 For further information contact your local STMicroelectronics sales office.




Similar Part No. - STM32MP251F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32MP251A STMICROELECTRONICS-STM32MP251A Datasheet
16Mb / 241P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
17-Oct-2024
STM32MP251A STMICROELECTRONICS-STM32MP251A Datasheet
15Mb / 234P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
27-Jun-2024
STM32MP251A STMICROELECTRONICS-STM32MP251A_V01 Datasheet
15Mb / 234P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
27-Jun-2024
STM32MP251D STMICROELECTRONICS-STM32MP251D Datasheet
16Mb / 241P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
17-Oct-2024
STM32MP251D STMICROELECTRONICS-STM32MP251D Datasheet
15Mb / 234P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
27-Jun-2024
More results


Similar Description - STM32MP251F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
STM32MP157D STMICROELECTRONICS-STM32MP157D_V01 Datasheet
3Mb / 261P
Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
17-May-2021
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
STMicroelectronics
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com