Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1628958 Datasheet (PDF) - PHOENIX CONTACT

1628958 Datasheet PDF - PHOENIX CONTACT
Part # 1628958
Download  1628958 Download
File Size   347.61 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-3ES1N8A9003S - Coupler connector

1628958 Datasheet (PDF)

Go To PDF Page Download Datasheet
1628958 Datasheet PDF - PHOENIX CONTACT

Part # 1628958
Download  1628958 Click to download

File Size   347.61 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-3ES1N8A9003S - Coupler connector

1628958 Datasheet (HTML) - PHOENIX CONTACT


1628958 Product details

M17, Coupler connector, series: M17 PRO, straight, shielded: yes, for standard and ONECLICK
fast locking system, No. of pos.: 3+PE, Direction of rotation: Standard, contact connection type:
Socket, Crimp connection, cable diameter range: 5.5 mm ... 9.5 mm, coding: N, Item is lead-free
in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Solutions with cross-manufacturer compatibility for standard and fast locking systems
• Modern, consistent design for highly convenient operation
• Easy, cost-effective cable assembly: uniform shielding of M17 to M40




Similar Part No. - 1628958

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628951 PHOENIX-1628951 Datasheet
482Kb / 11P
M17-5ES1N8A9004S - Coupler connector
1628952 PHOENIX-1628952 Datasheet
491Kb / 11P
M17-5ES1N8A9003S - Coupler connector
1628953 PHOENIX-1628953 Datasheet
484Kb / 11P
M17-5ES1N8A9002S - Coupler connector
1628954 PHOENIX-1628954 Datasheet
489Kb / 11P
M17-5EP1N8A9004S - Coupler connector
1628955 PHOENIX-1628955 Datasheet
480Kb / 11P
M17-5EP1N8A9003S - Coupler connector
More results


Similar Description - 1628958

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628967 PHOENIX-1628967 Datasheet
512Kb / 12P
M17-17P1N8A9003S - Coupler connector
1628988 PHOENIX-1628988 Datasheet
1Mb / 10P
M17-6ES1N8A8003S - Cable connector
1629005 PHOENIX-1629005 Datasheet
1Mb / 11P
M17-17S1N8A8004S - Cable connector
1629010 PHOENIX-1629010 Datasheet
1Mb / 12P
M17-17P1N8A8002S - Cable connector
1629050 PHOENIX-1629050 Datasheet
1Mb / 12P
M17-17P1N8A8004 - Cable connector
1628975 PHOENIX-1628975 Datasheet
1Mb / 14P
M17-8ES1N8A8004S - Cable connector
1628964 PHOENIX-1628964 Datasheet
538Kb / 12P
M17-17S1N8A9003S - Coupler connector
1629017 PHOENIX-1629017 Datasheet
1Mb / 15P
M17-8ES1N8A8004 - Cable connector
1628948 PHOENIX-1628948 Datasheet
504Kb / 11P
M17-6EP1N8A9004S - Coupler connector
1629049 PHOENIX-1629049 Datasheet
1Mb / 13P
M17-17S1N8A8002 - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com