Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3DPX8121 Datasheet (PDF) - Diodes Incorporated

PI3DPX8121 Datasheet PDF - Diodes Incorporated
Part # PI3DPX8121
Download  PI3DPX8121 Download
File Size   667.91 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver

PI3DPX8121 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3DPX8121 Datasheet PDF - Diodes Incorporated

Part # PI3DPX8121
Download  PI3DPX8121 Click to download

File Size   667.91 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver

PI3DPX8121 Datasheet (HTML) - Diodes Incorporated


PI3DPX8121 Product details

Features
2-to-1 mux switch configuration for 4-lane DisplayPort
operation
Data rate support up to 10Gbps to cover 8.1Gbps DP1.4 and
10Gbps DP2.0 speed per lane (RBR/HBR/HBR2/HBR3/
UHBR10)
LT-tunable capability for LTTPR redriver data path support
Quad-level pin strap control through combinational logic table
for equalizer gain value selection
Quad-level pin strap control for flat gain and output swing
linearity selection
Input signal detection for automatic power saving mode
Single power supply: 3.3v +/-0.3v
Commercial temperature support: 0oC to +70oC
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Packaging (Pb-free & Green):
40-pin 3 x 6mm TQFN, (ZLD)

Applications
Laptop and Desktop PCs
Workstation and Server System
Docking, KVM and PC Peripherals
Display Monitors




Similar Part No. - PI3DPX8121

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX8121A DIODES-PI3DPX8121A Datasheet
179Kb / 1P
13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver
Rev 3-2 June 2024
PI3DPX8121AZLEX DIODES-PI3DPX8121AZLEX Datasheet
179Kb / 1P
13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver
Rev 3-2 June 2024
More results


Similar Description - PI3DPX8121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Texas Instruments
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com