Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B238 Datasheet (PDF) - TUK Ltd

B238 Datasheet PDF - TUK Ltd
Part # B238
Download  B238 Download
File Size   5015.84 Kbytes
Page   2 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description LSA Type IDC Contacts

B238 Datasheet (PDF)

Go To PDF Page Download Datasheet
B238 Datasheet PDF - TUK Ltd

Part # B238
Download  B238 Click to download

File Size   5015.84 Kbytes
Page   2 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description LSA Type IDC Contacts

B238 Datasheet (HTML) - TUK Ltd


B238 Product details

Features:
• Termination using LSA+ type punch down tool. No need for soldering or screw terminations
• Includes PCB mount retaining posts for heat staking, ensuring a secure fit
• Pitch of 5.08mm between contacts
• Voltage rating of 60V AC RMS
• Operating temperatures from -20° to 125°
• Suitable for wave soldering
• Known by BT codes 238A and 239A




Similar Part No. - B238

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B23 DBLECTRO-B23 Datasheet
242Kb / 1P
FEMALE HEADER PROFILE : 5.0mm STRAIGHT
logo
PowerDynamics, Inc
B23 POWERDYNAMICS-B23 Datasheet
44Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
logo
Jinan Jingheng (Group) ...
B23 JINANJINGHENG-B23 Datasheet
63Kb / 2P
BARRIER RECTIFIER Reverse Voltage - 25 Volts Forward Current -2.0Ampere
logo
Trumeter Technologies
B23-4916A TRUMETER-B23-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
B23-4916B TRUMETER-B23-4916B Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results


Similar Description - B238

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A08 DBLECTRO-A08 Datasheet
263Kb / 1P
EDGE CARD IDC TYPE
logo
Advantech Co., Ltd.
ES-1110N-LSA-H ADVANTECH-ES-1110N-LSA-H Datasheet
435Kb / 4P
ES-1110N-LSA-H
logo
Yamaichi Electronics Co...
NCP036-020-BF YAMAICHI-NCP036-020-BF Datasheet
124Kb / 2P
IDC Type Plugs
logo
Assmann Electronics Inc...
AWP2-12-7240-T-R ASSMANN-AWP2-12-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 12 Contacts
AWP2-30-7240-T-R ASSMANN-AWP2-30-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 30 Contacts
AWP2-34-7240-T-R ASSMANN-AWP2-34-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 34 Contacts
AWP2-24-7240-T-R ASSMANN-AWP2-24-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 24 Contacts
AWP2-64-7240-T-R ASSMANN-AWP2-64-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 64 Contacts
logo
Adam Technologies, Inc.
DIN-64FS-L22-A-IDC ADAM-TECH-DIN-64FS-L22-A-IDC Datasheet
89Kb / 1P
DIN IDC TYPE FEMALE
08CH-A-XX-IDC ADAM-TECH-08CH-A-XX-IDC Datasheet
89Kb / 1P
HOUSING IDC TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com