Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM4328 Datasheet (PDF) - PMC-Sierra, Inc

PM4328 Datasheet PDF - PMC-Sierra, Inc
Part # PM4328
Download  PM4328 Download
File Size   50.33 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description High Density T1/E1 Framer with Integrated M13 Multiplexer

PM4328 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM4328 Datasheet PDF - PMC-Sierra, Inc

Part # PM4328
Download  PM4328 Click to download

File Size   50.33 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description High Density T1/E1 Framer with Integrated M13 Multiplexer

PM4328 Datasheet (HTML) - PMC-Sierra, Inc


PM4328 Product details

DESCRIPTION
The PM4328 High Density T1/E1 Framer with Integrated M13 Multiplexer (TECT3) is a feature-rich device for use in any applications requiring high density link termination over T1 or E1 channelized DS3.

FEATURES
• Integrates 28 T1 framers, 21 E1 framers and a full featured M13 multiplexer with DS3 framer in a single monolithic device for terminating DS3 multiplexed T1 or E1 streams.
• Four fundamental modes of operation:
   • Up to 28 T1 streams M13 multiplexed into a serial DS3.
   • Up to 21 E1 streams multiplexed into a DS3 following the ITU-T G.747 recommendation. This E1 mode of operation is restricted to using the serial clock and data or H-MVIP system interfaces.
   • DS3 M13 Multiplexer with ingress or egress per link monitoring.
   • Unchannelized DS3 framer mode for access to the entire DS3 payload.
• Supports transfer of PCM data to/from 1.544MHz and 2.048MHz serial interface system-side devices. Also supports a fractional T1 or E1 system interface with independent ingress/egress Nx64Kb/s rates. Supports a 2.048 MHz system-side interface for T1 mode without external clock gapping.
• Supports 8Mb/s H-MVIP on the system interface for all T1 or E1 links, a separate 8Mb/s H-MVIP system interface for all T1 or E1 CAS channels and a separate 8Mb/s H-MVIP system interface for all T1 or E1 CCS and V5.1/V5.2 channels.
• Supports a byte serial Scaleable Bandwidth Interconnect (SBI) bus interface for high density system side device interconnection of up to 84 T1 streams or 3 DS3 streams.
• Provides jitter attenuation in the T1 or E1 receive and transmit directions.
• Provides two independent de-jittered T1 or E1 recovered clocks for system timing and redundancy.
• Provides per-DS0 line loopback and per link diagnostic and line loopbacks.
• Provides an on-board programmable binary sequence generator and detector for error testing at DS3 rates. Includes support for patterns recommended in ITU-T O.151.
• Also provides PRBS generators and detectors on each tributary for error testing at DS1, E1 and NxDS0 rates as recommended in ITU-T O.151 and O.152.
• Provides robbed bit signaling extraction and insertion on a per-DS0 basis.
• Provides programmable idle code substitution, data and sign inversion, and digital milliwatt code insertion on a per-DS0 basis.
• Supports the M23 and C-bit parity DS3 formats.
• Standalone unchannelized DS3 framer mode for access to the entire DS3 payload.
• When configured to operate as a DS3 Framer, gapped transmit and receive clocks can be optionally generated for interface to link layer devices which only need access to payload data bits.
• DS3 Transmit clock source can be selected from either an external oscillator or from the receive side clock (loop-timed).
• Register level compatibility with the PM4388 TOCTL Octal T1 Framer, the PM6388 EOCTL Octal E1 Framer, the PM4351 COMET E1/T1 transceiver and the PM8313 D3MX M13 Multiplexer/Demultiplexer.
• Provides a generic 8-bit microprocessor bus interface for configuration, control and status monitoring.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes.
• Low power 2.5V/3.3V CMOS technology. All pins are 5V tolerant.
• 324-pin fine pitch PBGA package (23mm x 23mm). Supports industrial temperature range (-40°C to 85°C) operation.

APPLICATIONS
• High density T1 interfaces for multiplexers, multi-service switches, routers and digital modems.
• High density E1 interfaces for multiplexers, multi-service switches, routers and digital modems.
• Frame Relay switches and access devices (FRADS)
• M23 Based M13 Multiplexer
• C-Bit Parity Based M13 Multiplexer
• Channelized and Unchannelized DS3 Frame Relay Interfaces




Similar Part No. - PM4328

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4328 PMC-PM4328 Datasheet
1Mb / 250P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PM4328 PMC-PM4328 Datasheet
47Kb / 2P
High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328-1 PMC-PM4328-1 Datasheet
47Kb / 2P
High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328-PI PMC-PM4328-PI Datasheet
1Mb / 250P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
More results


Similar Description - PM4328

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4328 PMC-PM4328 Datasheet
1Mb / 250P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PM4332 PMC-PM4332 Datasheet
3Mb / 446P
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PM8315 PMC-PM8315 Datasheet
2Mb / 2P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED VT/TU MAPPER AND M13 MULTIPLEXER
PM8315 PMC-PM8315 Datasheet
53Kb / 2P
High Density T1/E1 Framer with Integrated VT/TU Mapper and M13 Mux
PM8316 PMC-PM8316 Datasheet
59Kb / 2P
High Density 84-Channel T1/E1/J1 Framer with Integrated VT/TU Mappers and M13
PM8312 PMC-PM8312 Datasheet
159Kb / 2P
High-Density 32-Channel T1/E1/J1 Framer with Integrated VT/TU Mapper & M13 Multiplexer
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM4328-1 PMC-PM4328-1 Datasheet
47Kb / 2P
High Density T1/E1 Framer with Integrated M13 Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com