Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD52050 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD52050 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD52050
Download  AD52050 Download
File Size   1106.21 Kbytes
Page   22 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x15W Stereo Class-D Audio Amplifier with Power Limit

AD52050 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD52050 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD52050
Download  AD52050 Click to download

File Size   1106.21 Kbytes
Page   22 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x15W Stereo Class-D Audio Amplifier with Power Limit

AD52050 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD52050 Product details

Features
 Single supply voltage
4.5V ~ 14.4V for loudspeaker driver
Built-in LDO output 5.5V for others
 Loudspeaker power from 12V supply
BTL Mode: 8W/CH into 8 @1% THD+N
BTL Mode: 10W/CH into 6 @<1% THD+N
BTL Mode: 12W/CH into 4 @<1% THD+N
PBTL Mode: 16W/CH into 4 @1% THD+N
Loudspeaker power from 12V supply
BTL Mode: 10W/CH into 8 @10% THD+N
BTL Mode: 13W/CH into 6 @10% THD+N
BTL Mode: 15W/CH into 4@10% THD+N
PBTL Mode: 20W/CH into 4 @10% THD+N
 93% efficient Class-D operation eliminates need
for heat sink
 Differential inputs
 Internal oscillator
 Short-Circuit protection with auto recovery option
 Under-Voltage detection
 Over-Voltage protection
 Pop noise and click noise reduction
 Adjustable power limit function for speaker
protection
 Output DC detection for speaker protection
 Filter-Free operation
 Over temperature protection with auto recovery
 Superior EMC performance

Applications
 TV audio
 Boom-Box
 Powered speaker
 Monitors
 Consumer Audio Equipment

Description
The AD52050 is a high efficiency stereo class-D
audio amplifier with adjustable power limit function.
The loudspeaker driver operates from 4.5V~14.4V
supply voltage. It can deliver 15W/CH output power
into 4 loudspeaker within 10% THD+N at 12V
supply voltage and without external heat sink when
playing music.
The adjustable power limit function allows user to
set a voltage rail lower than half of 5.5V to limit the
amount of current through the speaker.
Output DC detection prevents speaker damage
from long-time current stress. AD52050 provides
superior EMC performance for filter-free application.
The output short circuit and over temperature
protection include auto-recovery feature.




Similar Part No. - AD52050

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD52058 ESMT-AD52058 Datasheet
1Mb / 20P
2x15W Stereo Class-D Audio Amplifier with Power Limit
Oct. 2021 - Revision: 1.4
More results


Similar Description - AD52050

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Integrated Silicon Solu...
IS31AP2110 ISSI-IS31AP2110 Datasheet
397Kb / 16P
20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
logo
Monolithic Power System...
MP7752 MPS-MP7752 Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
EV7752-F-00A MPS-EV7752-F-00A Datasheet
251Kb / 6P
Indutorless 2X15W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
logo
Diodes Incorporated
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
logo
Elite Semiconductor Mem...
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com